Electronic Components Datasheet Search
  English  ▼

X  

PWB Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PWB
Description  PowerBlock Micro-Miniature Modular Switching Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PWB Datasheet(HTML) 1 Page - Astrodyne Corporation

  PWB Datasheet HTML 1Page - Astrodyne Corporation PWB Datasheet HTML 2Page - Astrodyne Corporation PWB Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PowerBlock Micro-Miniature Modular Switching Power Supplies
p w b series
300 Myles Standish blvd., Taunton, MA 02780
ph: 1-800-823-8082
Fax: 508-823-8181
www.ASTRODYNE.COM
5 Watt and 10 Watt Models
3.3VDC to 24VDC Single Outputs
Universal 85VAC to 265VAC Input
3,000VAC Input to Output Isolation
-25 to +70°C Operation
High Efficiency
Model Number
Output Voltage
Output Amps
Output watts
Size (inches)
5 wATT OUTpUT
PWB-5000
3.3 VDC
1.25
4W
1 x 2 x 0.6
PWB-5001
5 VDC
1
5W
1 x 2 x 0.6
PWB-5002
12 VDC
0.42
5W
1 x 2 x 0.6
PWB-5003
15 VDC
0.33
5W
1 x 2 x 0.6
PWB-5005
24 VDC
0.23
5W
1 x 2 x 0.6
10 wATT OUTpUT
AFC-3.3S
3.3 VDC
2.5
8W
1 x 2 x 0.9
AFC-5S
5 VDC
2
10W
1 x 2 x 0.9
AFC-12S
12 VDC
0.83
10W
1 x 2 x 0.9
AFC-15S
15 VDC
0.66
10W
1 x 2 x 0.9
AFC-24S
24 VDC
0.42
10W
1 x 2 x 0.9
Order On-Line!
astrodyne.com
2”L x 1”W x 0.6”H (5W)
2”L x 1”w x 0.9”H (10W)
Fully Approved
IEC60950
EN60950
UL60950-1
CSA22.2-60950-1


Similar Part No. - PWB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
104Kb / 3P
Thin Film Power Resistors
12-Mar-08
PWB VISHAY-PWB Datasheet
87Kb / 3P
Thin Film Power Resistors
12-Mar-08
logo
Coilcraft lnc.
PWB-1-AL COILCRAFT-PWB-1-AL Datasheet
329Kb / 5P
Surface Mount Wideband RF Transformers
PWB-1-AL COILCRAFT-PWB-1-AL Datasheet
252Kb / 5P
Surface Mount Wideband RF Transformers
PWB-1-ALB COILCRAFT-PWB-1-ALB Datasheet
221Kb / 5P
Surface Mount Wideband RF Transformers
More results

Similar Description - PWB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA-15 ETC2-MCA-15 Datasheet
1Mb / 5P
15W Ultraminiature Modular Switching Power Supplies
logo
Astrodyne Corporation
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
10W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
30W Ultraminiature Modular Switching Power Supplies
PWC ASTRODYNE-PWC Datasheet
638Kb / 5P
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
AFC ASTRODYNE-AFC Datasheet
187Kb / 3P
PowerBlock Micro-Miniature Modular Switching Power Supplies
MCA5 ASTRODYNE-MCA5 Datasheet
496Kb / 6P
5W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
10W Ultraminiature Modular Switching Power Supplies
PWB ASTRODYNE-PWB_16 Datasheet
266Kb / 5P
PowerBlock Micro-Miniature Modular Switching Power Supplies
PWC ASTRODYNE-PWC_16 Datasheet
275Kb / 4P
PowerBlock Micro-Miniature 5 Watt Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com