Electronic Components Datasheet Search
  English  ▼

X  

0824533 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824533
Description  UC2-TM 4 CUS - Marker for terminal blocks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824533 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824533 Datasheet HTML 1Page - PHOENIX CONTACT 0824533 Datasheet HTML 2Page - PHOENIX CONTACT 0824533 Datasheet HTML 3Page - PHOENIX CONTACT 0824533 Datasheet HTML 4Page - PHOENIX CONTACT 0824533 Datasheet HTML 5Page - PHOENIX CONTACT 0824533 Datasheet HTML 6Page - PHOENIX CONTACT 0824533 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer
specifications, mounting type: snap into tall marker groove, for terminal block width: 4.2 mm,
Number of individual labels: 120, text field height: 8.75 mm, text field width: 3.45 mm
Your advantages
The UC2-TM ... UniCard labeling range includes markers for Wago terminal blocks
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
The markers support multi-line labeling
•
The sheets provide space for including function texts
•
Commercial data
Item number
0824533
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8117
Catalog page
Page 122 (C-5-2013)
GTIN
4046356356558
Weight per piece (including packing)
10.23 g
Weight per piece (excluding packing)
10.23 g
Country of origin
PL
UC2-TM 4 CUS - Marker for terminal blocks
0824533
https://www.phoenixcontact.com/us/products/0824533
May 2, 2025, 1:42AM
Page 1 (7)


Similar Part No. - 0824533

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824535 PHOENIX-0824535 Datasheet
243Kb / 7P
UC2-TM 5 CUS - Marker for terminal blocks
0824537 PHOENIX-0824537 Datasheet
242Kb / 7P
UC2-TM 6 CUS - Marker for terminal blocks
0824539 PHOENIX-0824539 Datasheet
243Kb / 7P
UC2-TM 8 CUS - Marker for terminal blocks
More results

Similar Description - 0824533

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0821674 PHOENIX-0821674 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 6
0821690 PHOENIX-0821690 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 5
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0824509 PHOENIX-0824509 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 6 CUS
0824511 PHOENIX-0824511 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 8 CUS
0824573 PHOENIX-0824573 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 4 CUS
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824597 PHOENIX-0824597 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TM 8 CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829950 PHOENIX-0829950 Datasheet
55Kb / 3P
Marker for terminal blocks - US2-TM 100 CUS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com