Electronic Components Datasheet Search
  English  ▼

X  

0824607 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0824607
Description  UC-TM 10 GN CUS - Marker for terminal blocks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824607 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0824607 Datasheet HTML 1Page - PHOENIX CONTACT 0824607 Datasheet HTML 2Page - PHOENIX CONTACT 0824607 Datasheet HTML 3Page - PHOENIX CONTACT 0824607 Datasheet HTML 4Page - PHOENIX CONTACT 0824607 Datasheet HTML 5Page - PHOENIX CONTACT 0824607 Datasheet HTML 6Page - PHOENIX CONTACT 0824607 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Labeled terminal marker
Pitch
10.2 mm
Type
high
Marking
Number of individual labels
48
Number of individual labels per row
6
Identification technology
UV LED technology
Mounting
Mounting type
snap into tall marker groove
Material specifications
Color
white (RAL 9010)
Material
PA
Flammability rating according to UL 94
V2
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 2
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
EN ISO 1518-1:2023 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2020-12 (following)
Result
Test passed
UV resistance
Specification
DIN EN ISO 4892-2:2021-11 (following)
Result
Test passed
Test duration
96 h
Temperature resistance
UC-TM 10 GN CUS - Marker for terminal blocks
0824607
https://www.phoenixcontact.com/us/products/0824607
May 2, 2025, 1:46AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com