Electronic Components Datasheet Search
  English  ▼

X  

0824670 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824670
Description  UC-TMF 12 CUS - Marker for terminal blocks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824670 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824670 Datasheet HTML 1Page - PHOENIX CONTACT 0824670 Datasheet HTML 2Page - PHOENIX CONTACT 0824670 Datasheet HTML 3Page - PHOENIX CONTACT 0824670 Datasheet HTML 4Page - PHOENIX CONTACT 0824670 Datasheet HTML 5Page - PHOENIX CONTACT 0824670 Datasheet HTML 6Page - PHOENIX CONTACT 0824670 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer
specifications, mounting type: snap into flat marker groove, for terminal block width: 12 mm,
Number of individual labels: 40, text field height: 5.1 mm, text field width: 11.45 mm
Your advantages
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
The UC-TMF ... UniCard labeling range includes markers for products with tall and flat marker grooves
•
Commercial data
Item number
0824670
Packing unit
1 pc
Minimum order quantity
10 pc
Note
Made to order (non-returnable)
Sales key
BG24
Product key
BG8117
Catalog page
Page 65 (C-5-2013)
GTIN
4046356360050
Weight per piece (including packing)
7.17 g
Weight per piece (excluding packing)
7.1 g
Customs tariff number
49119900
Country of origin
PL
UC-TMF 12 CUS - Marker for terminal blocks
0824670
https://www.phoenixcontact.com/us/products/0824670
May 2, 2025, 12:04AM
Page 1 (7)


Similar Part No. - 0824670

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824671 PHOENIX-0824671 Datasheet
247Kb / 7P
UC-TMF 12 BU CUS - Marker for terminal blocks
0824672 PHOENIX-0824672 Datasheet
244Kb / 7P
UC-TMF 12 GN CUS - Marker for terminal blocks
0824673 PHOENIX-0824673 Datasheet
246Kb / 7P
UC-TMF 12 OG CUS - Marker for terminal blocks
0824674 PHOENIX-0824674 Datasheet
246Kb / 7P
UC-TMF 12 RD CUS - Marker for terminal blocks
0824675 PHOENIX-0824675 Datasheet
237Kb / 6P
UC-TMF 12 VT CUS - Marker for terminal blocks
More results

Similar Description - 0824670

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818124 PHOENIX-0818124 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 10
0818153 PHOENIX-0818153 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 5
0819233 PHOENIX-0819233 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 12
0819262 PHOENIX-0819262 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TMF 16
0824630 PHOENIX-0824630 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 4 CUS
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824646 PHOENIX-0824646 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TMF 6 CUS
0824654 PHOENIX-0824654 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 8 CUS
0824678 PHOENIX-0824678 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 16 CUS
0824659 PHOENIX-0824659 Datasheet
71Kb / 4P
Marker for terminal blocks - UC-TMF 8 VT CUS
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com