Electronic Components Datasheet Search
  English  ▼

X  

0824947 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824947
Description  ZB 18 CUS - Zack marker strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824947 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824947 Datasheet HTML 1Page - PHOENIX CONTACT 0824947 Datasheet HTML 2Page - PHOENIX CONTACT 0824947 Datasheet HTML 3Page - PHOENIX CONTACT 0824947 Datasheet HTML 4Page - PHOENIX CONTACT 0824947 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Zack marker strip, can be ordered: Strip, white, labeled according to customer specifications,
mounting type: snap into tall marker groove, for terminal block width: 18 mm, Number of
individual labels: 5, text field height: 17.4 mm, text field width: 10.5 mm
Your advantages
Labeling service: Phoenix Contact can custom-label all zack marker strip markers according to your requirements
•
The ZB zack marker strip system is a marking solution for modular terminal blocks and electronics modules with tall marker grooves
•
Commercial data
Item number
0824947
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8112
Catalog page
Page 75 (C-5-2013)
GTIN
4046356356343
Weight per piece (including packing)
2.187 g
Weight per piece (excluding packing)
2.187 g
Country of origin
PL
ZB 18 CUS - Zack marker strip
0824947
https://www.phoenixcontact.com/us/products/0824947
May 2, 2025, 1:45AM
Page 1 (5)


Similar Part No. - 0824947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824941 PHOENIX-0824941 Datasheet
58Kb / 3P
Zack marker strip - ZB 10 CUS
0824943 PHOENIX-0824943 Datasheet
225Kb / 5P
ZB 14 CUS - Zack marker strip
0824945 PHOENIX-0824945 Datasheet
56Kb / 3P
Zack marker strip - ZB 15 CUS
0824948 PHOENIX-0824948 Datasheet
56Kb / 3P
Zack marker strip - ZB 20,3 CUS
More results

Similar Description - 0824947

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824941 PHOENIX-0824941 Datasheet
58Kb / 3P
Zack marker strip - ZB 10 CUS
0824945 PHOENIX-0824945 Datasheet
56Kb / 3P
Zack marker strip - ZB 15 CUS
0824949 PHOENIX-0824949 Datasheet
52Kb / 3P
Zack marker strip - ZB 22 CUS
0824951 PHOENIX-0824951 Datasheet
53Kb / 3P
Zack marker strip - ZB 4 CUS
0824965 PHOENIX-0824965 Datasheet
56Kb / 3P
Zack marker strip - ZB 5,8 CUS
0824978 PHOENIX-0824978 Datasheet
57Kb / 3P
Zack marker strip - ZB 6,6 CUS
0824992 PHOENIX-0824992 Datasheet
47Kb / 2P
Zack marker strip - ZB 6 CUS
0824997 PHOENIX-0824997 Datasheet
57Kb / 3P
Zack marker strip - ZB 7,62 CUS
0825011 PHOENIX-0825011 Datasheet
53Kb / 2P
Zack marker strip - ZB 8 CUS
0829128 PHOENIX-0829128 Datasheet
58Kb / 3P
Zack marker strip - ZB 9 CUS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com