Electronic Components Datasheet Search
  English  ▼

X  

0825136 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0825136
Description  SK U/2,8 P2,54 WH CUS - Marker strip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0825136 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0825136 Datasheet HTML 1Page - PHOENIX CONTACT 0825136 Datasheet HTML 2Page - PHOENIX CONTACT 0825136 Datasheet HTML 3Page - PHOENIX CONTACT 0825136 Datasheet HTML 4Page - PHOENIX CONTACT 0825136 Datasheet HTML 5Page - PHOENIX CONTACT 0825136 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker strip, Sheet, can be ordered: in sheets, white, labeled according to customer
specifications, mounting type: adhesive, for terminal block width: 2.54 mm, text field height: 2.8
mm, text field width: 186 mm
Commercial data
Item number
0825136
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8114
GTIN
4046356354875
Weight per piece (including packing)
10 g
Weight per piece (excluding packing)
9 g
Country of origin
PL
SK U/2,8 P2,54 WH CUS - Marker strip
0825136
https://www.phoenixcontact.com/us/products/0825136
May 2, 2025, 12:12AM
Page 1 (6)


Similar Part No. - 0825136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0825130 PHOENIX-0825130 Datasheet
238Kb / 6P
SK 5,0 REEL P12,5 WH CUS - Marker card
0825131 PHOENIX-0825131 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,5 WH CUS
0825132 PHOENIX-0825132 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,62 WH CUS
0825133 PHOENIX-0825133 Datasheet
238Kb / 6P
SK 5,0 REEL P9,5 WH CUS - Marker card
0825134 PHOENIX-0825134 Datasheet
227Kb / 5P
SK 10,0 REEL P10 WH CUS - Marker card
More results

Similar Description - 0825136

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824273 PHOENIX-0824273 Datasheet
54Kb / 2P
Marker pin Zack strip - BN-ZB 5/WH CUS
0824280 PHOENIX-0824280 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB 8/WH CUS
0824281 PHOENIX-0824281 Datasheet
55Kb / 2P
Marker pin Zack strip - BN-ZB10/WH CUS
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0825121 PHOENIX-0825121 Datasheet
54Kb / 3P
Marker cards - SK 2,8 REEL P3,5 WH CUS
0825123 PHOENIX-0825123 Datasheet
55Kb / 3P
Marker cards - SK 2,8 REEL P5,08 WH CUS
0825125 PHOENIX-0825125 Datasheet
55Kb / 3P
Marker cards - SK 3,8 REEL P5,08 WH CUS
0825129 PHOENIX-0825129 Datasheet
60Kb / 2P
SK 5,0 REEL P10 WH CUS
0825131 PHOENIX-0825131 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,5 WH CUS
0825132 PHOENIX-0825132 Datasheet
54Kb / 3P
Marker cards - SK 5,0 REEL P7,62 WH CUS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com