Electronic Components Datasheet Search
  English  ▼

X  

TA8401F/FG Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8401F/FG
Description  Functional Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8401F/FG Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8401F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA8401F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TA8401F/FG
2006-3-2
3
(2) Interface driver application
If IN3 and IN4 are connected to “HIGH”, OUT A and OUT B can be used as interface driver outputs for
each input.
(Connect OUT a and OUT b to GND)
Input-Output Circuit
20 x 20 x 0.8 mm PCB mounting (at least
60% of which is occupied by copper)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com