Electronic Components Datasheet Search
  English  ▼

X  

QIC0620003 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QIC0620003
Description  Dual IGBT Common Emitter Module (200 Amp/600 Volts)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QIC0620003 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QIC0620003 Datasheet HTML 1Page - Powerex Power Semiconductors QIC0620003 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dual IGBT Common Emitter Module
200 Amp/600 Volts
QIC0620003
200 Amp/600 Volts
Description:
Powerex Fast Recovery Diode
Modules are designed for use in
applications requiring fast switching.
The modules are isolated for easy
mounting with other components on a
common heatsink.
Features:
Isolated Mounting
Isolation Material - DBC Alumina
Low Drive Power
Internal Series Gate Resistors
Super-Fast FWD (110ns)
Copper Baseplate
2500 V isolating voltage
Dimensions
Inches
Millimeters
A
3.70
94
B
1.34
34
C
1.18
30
D
3.15
80
E
0.67
17
F
0.28
6.99
G
0.67
17.1
H
0.91
23
J
0.91
23
K
M6X1.0
M6X1.0
L
DIA 0.256
DIA. 6.5
QIC0620003
Dual IGBT Module
Common Emitter
200 Amperes / 600 Volts


Similar Part No. - QIC0620003

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QIC0620001 POWEREX-QIC0620001 Datasheet
26Kb / 2P
Dual Common Emitter IGBT Module 200A 600V Per Switch
More results

Similar Description - QIC0620003

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
KD424520 POWEREX-KD424520 Datasheet
408Kb / 4P
Dual Darlington Transistor Module (200 Amperes/600 Volts)
QIC0610001 POWEREX-QIC0610001 Datasheet
27Kb / 2P
Dual Common Emitter IGBT Module 100A 600V Per Switch
QIC0620001 POWEREX-QIC0620001 Datasheet
26Kb / 2P
Dual Common Emitter IGBT Module 200A 600V Per Switch
QR0620T30 POWEREX-QR0620T30 Datasheet
111Kb / 3P
Fast Recovery Diode Module (200 Amp/600 Volts)
logo
Solid States Devices, I...
SPMQ461-01 SSDI-SPMQ461-01 Datasheet
82Kb / 2P
200 AMP/600 VOLTS HALF BRIDGE IGBT POWER MODULE FOR SPACE APPLICATIONS
logo
Powerex Power Semicondu...
MG200J6ES61 POWEREX-MG200J6ES61 Datasheet
222Kb / 4P
Six IGBTMOD??Compact IGBT Series Module 200 Amperes/600 Volts
QID3320002 POWEREX-QID3320002 Datasheet
740Kb / 6P
Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID0660023 POWEREX-QID0660023 Datasheet
323Kb / 3P
Dual IGBT Module 600 Amperes/600 Volts
QIC6508001 POWEREX-QIC6508001 Datasheet
594Kb / 7P
Dual Common Emitter HVIGBT Module 85 Amperes/6500 Volts
QID3320004 POWEREX-QID3320004 Datasheet
572Kb / 6P
Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com