Electronic Components Datasheet Search
  English  ▼

X  

8032643 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8032643
Description  Individual subbase
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8032643 Datasheet(HTML) 1 Page - Festo Corporation.

  8032643 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Individual subbase
VABS-S1-1S-N38
Part number: 8032643
General operating condition
Data sheet
Feature
Value
Width
48 mm
Exhaust air function
With flow control option
Based on norm
ISO 5599-1
Max. no. of valve positions
1
Operating pressure
-0.09 MPa ... 1.6 MPa
Operating pressure
-0.9 bar ... 16 bar
Pilot pressure MPa
0 MPa ... 1.6 MPa
Pilot pressure
0 bar ... 16 bar
Suitability for vacuum
yes
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-20 °C ... 60 °C
Temperature of medium
-10 °C ... 60 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-10 °C ... 60 °C
Product weight
230 g
Type of mounting
with through-hole for M5 screw
Pilot air port 12/14
1/8 NPT
Pneumatic connection 1
3/8 NPT
Pneumatic connection 2
3/8 NPT
Pneumatic connection 3
3/8 NPT
Pneumatic connection 4
3/8 NPT
Pneumatic connection 5
3/8 NPT
Note on materials
RoHS-compliant
Material of sub-base
Die-cast aluminum
5/6/25 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8032643

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8032642 FESTO-8032642 Datasheet
125Kb / 1P
Individual subbase
8032644 FESTO-8032644 Datasheet
126Kb / 1P
Individual subbase
8032645 FESTO-8032645 Datasheet
126Kb / 1P
Individual subbase
More results

Similar Description - 8032643

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
ST-JL05-16P-C1 JAE-ST-JL05-16P-C1 Datasheet
75Kb / 1P
16 PIN CONTACT (INDIVIDUAL)
ST-JL05-16S-C1 JAE-ST-JL05-16S-C1 Datasheet
71Kb / 1P
16 SOCKET CONTACT (INDIVIDUAL)
logo
Panasonic Semiconductor
BR-A PANASONIC-BR-A Datasheet
386Kb / 1P
Poly-carbonmonofluoride Lithium Batteries: Individual Specifications
logo
List of Unclassifed Man...
QH16T ETC2-QH16T Datasheet
13Mb / 1P
INDIVIDUAL LOUDSPEAKERS
EHF-2BG2060 ETC2-EHF-2BG2060 Datasheet
73Kb / 10P
Individual Product Specification
logo
Panasonic Battery Group
BR-A PANASONICBATTERY-BR-A Datasheet
386Kb / 1P
Poly-carbonmonofluoride Lithium Batteries: Individual Specifications
logo
ELMOS Semiconductor AG
E981.03 ELMOS-E981.03 Datasheet
2Mb / 51P
Autonomous MAC and individual physical address
logo
List of Unclassifed Man...
P3200-C-S-12 ETC2-P3200-C-S-12 Datasheet
672Kb / 2P
Daisy chain or individual placement
logo
Alliance Semiconductor ...
512M-DDR1-AS4C64M8D1 ALSC-512M-DDR1-AS4C64M8D1 Datasheet
1Mb / 65P
Individual byte write mask control
logo
PHOENIX CONTACT
RAD-MEMORY PHOENIX-RAD-MEMORY Datasheet
51Kb / 1P
Saving individual configuration data
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com