Electronic Components Datasheet Search
  English  ▼

X  

TA8409F/FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA8409F/FG
Description  Bridge Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8409F/FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA8409F/FG Datasheet HTML 1Page - Toshiba Semiconductor TA8409F/FG Datasheet HTML 2Page - Toshiba Semiconductor TA8409F/FG Datasheet HTML 3Page - Toshiba Semiconductor TA8409F/FG Datasheet HTML 4Page - Toshiba Semiconductor TA8409F/FG Datasheet HTML 5Page - Toshiba Semiconductor TA8409F/FG Datasheet HTML 6Page - Toshiba Semiconductor TA8409F/FG Datasheet HTML 7Page - Toshiba Semiconductor TA8409F/FG Datasheet HTML 8Page - Toshiba Semiconductor TA8409F/FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TA8409S/SG, F/FG
2006-3-2
1
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8409S/SG, TA8409F/FG
Bridge Driver
TA8409S/SG and TA8409F/FG are bridge driver with output
voltage control.
Features
Modes available (CW/CCW/STOP/BRAKE)
Output current up to 0.4 A (AVE) and 1.0 A (PEAK)
Wide range of operating voltage
VCC (opr.) = 4.5 to 20 V
VS (opr.) = 0 to 20 V
*Please consider the internal loss (Vsat) to operate the IC
though minimum VS is defined zero.
Vref (opr.) = 0 to 20 V (Vref ≤ VS)
Built-in thermal shutdown
Standby mode available (STOP MODE)
Hysteresis for all inputs.
TA8409S/SG
TA8409F/FG
Weight
SIP9-P-2.54A: 0.92 g (typ.)
SSOP10-P-225-1.00: 0.09 g (typ.)
TA8409SG/FG:
TA8409SG/FG is Pb free product.
The following conditions apply to solderability:
*Solderability
1. Use of Sn-37Pb solder bath
*solder bath temperature=230 degrees
*dipping time=5seconds
*number of times=once
*use of R-type flux
2. Use of Sn-3.0Ag-0.5Cu solder bath
*solder bath temperature=245 degrees
*dipping time=5seconds
*the number of times=once
*use of R-type flux


Similar Part No. - TA8409F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8409F TOSHIBA-TA8409F Datasheet
305Kb / 9P
BRIDGE DRIVER
TA8409FG TOSHIBA-TA8409FG Datasheet
307Kb / 12P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic, Bridge Driver
More results

Similar Description - TA8409F/FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7257P TOSHIBA-TA7257P Datasheet
214Kb / 6P
BRIDGE DRIVER
TA7267BP TOSHIBA-TA7267BP Datasheet
357Kb / 9P
BRIDGE DRIVER
TA7291P TOSHIBA-TA7291P Datasheet
441Kb / 13P
BRIDGE DRIVER
TA7354P TOSHIBA-TA7354P Datasheet
191Kb / 5P
BRIDGE DRIVER
TA8409S TOSHIBA-TA8409S Datasheet
305Kb / 9P
BRIDGE DRIVER
TA7291P TOSHIBA-TA7291P_07 Datasheet
467Kb / 16P
BRIDGE DRIVER
logo
International Rectifier
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
logo
Freescale Semiconductor...
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
H-Bridge Driver
logo
International Rectifier
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com