Electronic Components Datasheet Search
  English  ▼

X  

8047063 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8047063
Description  Subbase
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8047063 Datasheet(HTML) 1 Page - Festo Corporation.

  8047063 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Subbase
VABS-K1-7B-12-U14-P
Part number: 8047063
General operating condition
Data sheet
Feature
Value
Nominal width
1.2 mm
Valve size
7 mm
Fluid connector
Internal thread 1/4-28 UNF-2B
Mounting position
Any
Structural design
Connection direction downwards
Flow direction
Reversible
Operating medium
Liquid media
Gaseous media
Information on operating and pilot media
Observe resistance of materials that come into contact with media
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 70 °C
For use in the food industry
See supplementary material information
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Max. tightening torque for valve mounting
0.15 Nm
Max. tightening torque of pneumatic fitting
0.6 Nm
Product weight
3 g
Sub-base mounting type
With through-hole
Pneumatic valve mounting type
With internal thread
Note on materials
RoHS-compliant
Material of sub-base
PEEK
Threaded sleeve material
High-alloy stainless steel
5/6/25 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8047063

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8047064 FESTO-8047064 Datasheet
114Kb / 1P
Subbase
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com