Electronic Components Datasheet Search
  English  ▼

X  

8068637 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8068637
Description  Sub-base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8068637 Datasheet(HTML) 1 Page - Festo Corporation.

  8068637 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sub-base
VABS-P12-S-M5-P3
Part number: 8068637
General operating condition
Data sheet
Feature
Value
Width
25 mm
Mounting position
Any
Special features
Oxygen-compatible as per DIN EN 1797
Max. no. of valve positions
1
Operating pressure
0 bar ... 1.7 bar
Standard nominal flow rate
≥27 l/min
Standard nominal flow rate 2-3
≥28 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [5:3:1]
Inert gas
Oxygen
Information on operating and pilot media
Operation with oil lubrication not possible
Maximum particle size 5 µm
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-20 °C ... 70 °C
Temperature of medium
-20 °C ... 60 °C
Relative air humidity
0 - 70 %
Non-condensing
Degree of protection
IP00
Note on degree of protection
In mounted state
Ambient temperature
-20 °C ... 70 °C
Product weight
55 g
Type of mounting
With through-hole
Pneumatic connection 1
M5
Pneumatic connection 2
M5
Pneumatic connection 2S
M5
Pneumatic connection 3
M5
Pneumatic connection 5
M5
Note on materials
RoHS-compliant
Material of sub-base
Wrought aluminum alloy, anodized
5/6/25 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 8068637

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8068 FILTRAN-8068 Datasheet
125Kb / 1P
Common Mode Chokes
logo
Belden Inc.
8068 BELDEN-8068 Datasheet
435Kb / 3P
Fast Ethernet Cat5e Data Single-Ended Cordset
logo
Festo Corporation.
8068144 FESTO-8068144 Datasheet
94Kb / 1P
Blanking plug
8068240 FESTO-8068240 Datasheet
103Kb / 2P
Pneumatic interface
8068241 FESTO-8068241 Datasheet
105Kb / 2P
Pneumatic interface
More results

Similar Description - 8068637

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
560979 FESTO-560979 Datasheet
71Kb / 1P
Sub-base
8/1/22
561001 FESTO-561001 Datasheet
76Kb / 1P
Sub-base
8/1/22
561007 FESTO-561007 Datasheet
75Kb / 1P
Sub-base
8/1/22
561011 FESTO-561011 Datasheet
74Kb / 1P
Sub-base
8/1/22
561016 FESTO-561016 Datasheet
93Kb / 1P
Sub-base
8/1/22
561023 FESTO-561023 Datasheet
75Kb / 1P
Sub-base
8/1/22
561026 FESTO-561026 Datasheet
76Kb / 1P
Sub-base
8/1/22
561006 FESTO-561006 Datasheet
75Kb / 1P
Sub-base
8/2/22
561028 FESTO-561028 Datasheet
95Kb / 1P
Sub-base
8/2/22
561030 FESTO-561030 Datasheet
75Kb / 1P
Sub-base
8/2/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com