Electronic Components Datasheet Search
  English  ▼

X  

RT-65C Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # RT-65C
Description  65W Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RT-65C Datasheet(HTML) 2 Page - Astrodyne Corporation

  RT-65C Datasheet HTML 1Page - Astrodyne Corporation RT-65C Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
r t- 6 5 series
65W Triple Output Switching Power Supply
300 Myles Standish Blvd., taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.AStrODYNE.COM
Mechanical�Specification
Derating�Curve
Case�No.�903�����Unit:mm
AMBIENT�TEMPERATURE�(
)
-25
-25
0
0
10
20
30
40
50
60
70
20
40
60
80
100
Terminal�Pin.�No Assignment
Pin�No.
Pin�No.
Pin�No.
1
4
3
2
8
7
6
5
Assignment
Assignment
Assignment
NC
DC�OUTPUT +V2
DC�OUTPUT V3
DC�OUTPUT +V1
DC�OUTPUT COM
FG
AC/N
AC/L
73.5
122.5
129
120
6.5
77
32
8
7
6
5
4
3
2
1
File�Name:RT-65-SPEC���2005-09-13
Output�Derating�VS�Input�Voltage
INPUT�VOLTAGE�(VAC)�60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
(VERTICAL)
3-M
3
4.5
3.5
65W Triple�Output�Switching�Power�Supply
R T- 6 5 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com