Electronic Components Datasheet Search
  English  ▼

X  

LT1995 Datasheet(PDF) 13 Page - Analog Devices

Part # LT1995
Description  ±250V Input Range, 100kHz, G =10, Micropower, Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1995 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT1995 Datasheet HTML 8Page - Analog Devices LT1995 Datasheet HTML 9Page - Analog Devices LT1995 Datasheet HTML 10Page - Analog Devices LT1995 Datasheet HTML 11Page - Analog Devices LT1995 Datasheet HTML 12Page - Analog Devices LT1995 Datasheet HTML 13Page - Analog Devices LT1995 Datasheet HTML 14Page - Analog Devices LT1995 Datasheet HTML 15Page - Analog Devices LT1995 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT1990-10
13
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
–
+
LT1990-10
1k
2k
199010 F01
Figure 1. Optional CMRR Trim
in series with the other. The trim range of this configura-
tion is ±0.1% for the internal input resistor matching.
This technique using the LT1990-10 offers a much more
finely resolved correction than is available from ordinary
discretesolutions.Inapplicationswherethecommonmode
is relatively constant and large, this same configuration
can be treated as an offset adjustment.
Output Stability with Capacitive Loads
The LT1990-10 is internally compensated to drive high
capacitive loads of at least 2nF under all output load-
ing conditions when the output is in its linear region or
saturated to V–. However, a small oscillation may occur if
the output is saturated to V+ with capacitive loads greater
than 300pF at higher load currents and higher supply
voltages. A 10nF capacitor in series with a 600Ω resistor
placed between the output and ground will compensate
the amplifier for capacitive loads up to 10nF at all output
loading conditions. See the region of instability in the
Typical Performance Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com