Electronic Components Datasheet Search
  English  ▼

X  

LTC4151 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4151
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4151 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4151 Datasheet HTML 4Page - Analog Devices LTC4151 Datasheet HTML 5Page - Analog Devices LTC4151 Datasheet HTML 6Page - Analog Devices LTC4151 Datasheet HTML 7Page - Analog Devices LTC4151 Datasheet HTML 8Page - Analog Devices LTC4151 Datasheet HTML 9Page - Analog Devices LTC4151 Datasheet HTML 10Page - Analog Devices LTC4151 Datasheet HTML 11Page - Analog Devices LTC4151 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTC2945
8
Rev. C
For more information www.analog.com
PIN FUNCTIONS
INTVCC (Pin 1/Pin 2): Internal Low Voltage Supply Input/
Output. This pin is used to power internal circuitry. It can
be configured as a direct input for a low voltage supply, as
linear regulator from higher voltage supply connected to
VDD, or as a shunt regulator. Connect this pin directly to a
2.7V to 5.9V supply if available. When INTVCC is powered
from an external supply, short the VDD pin to INTVCC. If
VDD is connected to a 4V to 80V supply, INTVCC becomes
the 5V output of an internal series regulator that can sup-
ply up to 10mA to external circuitry. For even higher sup-
ply voltages or if a floating topology is desired, INTVCC can
be used as a 6.3V shunt regulator. Connect the supply to
INTVCC through a shunt resistor that limits the current to
less than 35mA. An undervoltage lockout circuit disables
the ADC when the voltage at this pin drops below 2.5V.
Connect a bypass capacitor between 0.1µF and 1µF from
this pin to ground.
ADR1, ADR0 (Pins 2, 3/Pins 3, 4): I2C Device Address
Inputs. Connecting these pins to INTVCC, GND or leaving
the pins open configures one of nine possible addresses.
See Table 1 in Applications Information section for details.
ADIN (Pin 4/Pin 5): ADC Input. The onboard ADC mea-
sures voltages between 0V and 2.048V. Tie to ground
if unused.
GND (Pin 5/Pin 6): Device Ground.
SCL (Pin 6/Pin 7): I2C Bus Clock Input. Data at the SDAI
pin is shifted in or out on rising edges of SCL. This pin
is driven by an open-collector output from a master con-
troller. An external pull-up resistor or current source is
required and can be placed between SCL and VDD or
INTVCC. The voltage at SCL is internally clamped to 6.4V
(5.9V minimum)
SDAI (Pin 7/Pin 8): I2C Bus Data Input. Used for shifting
in address, command or data bits. This pin is driven by an
open-collector output from a master controller. An exter-
nal pull-up resistor or current source is required and can
be placed between SDAI and VDD or INTVCC. The voltage
at SDAI is internally clamped to 6.4V (5.9V minimum)
SDAO (Pin 8/Pin 9): I2C Bus Data Output. Open-drain
output used for sending data back to the master controller
or acknowledging a write operation. An external pull-up
resistor or current source is required.
SDAO (Pin 8/Pin 9, LTC2945-1 Only): Inverted I2C Bus
Data Output. Open-drain output used for sending data
back to the master controller or acknowledging a write
operation. Data is inverted for convenience of opto-iso-
lation. An external pull-up resistor or current source is
required.
ALERT (Pin 9/Pin 10): Fault Alert Output. Open drain logic
output that is pulled to ground after an ADC conversion
resulted in a fault to alert the host controller. A fault alert is
enabled by setting the corresponding bit in the ALERT reg-
ister as shown in Table 4. This device is compatible with
the SMBus alert protocol. See Applications Information.
Tie to ground if unused.
SENSE– (Pin 10/Pin 11): Current Sense Input. Connect
an external sense resistor between SENSE+ and SENSE–.
The differential voltage between SENSE+ and SENSE– is
monitored by the onboard ADC with a full-scale sense
voltage of 102.4mV.
SENSE+ (Pin 11/Pin 12): Supply Voltage and Current
Sense Input. Used as a supply and current sense input
for the internal current sense amplifier. The voltage at this
pin is monitored by the onboard ADC with a full-scale
input range of 102.4V. See Figure 17 for recommended
Kelvin connection.
VDD (Pin 12/Pin 1): High Voltage Supply Input. This pin
powers an internal series regulator with input voltages
ranging from 4V to 80V and produces 5V at INTVCC when
the input voltage is above 7V. Connect a bypass capacitor
between 0.1µF and 1µF from this pin to ground if external
load is present on the INTVCC pin. The onboard 12-bit ADC
can be configured to monitor the voltage at VDD with a
full-scale input range of 102.4V.
EXPOSED PAD (Pin 13, UD Package Only): Exposed pad
may be left open or connected to device ground. For best
thermal performance, connect to a large PCB area.
(QFN/MSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com