Electronic Components Datasheet Search
  English  ▼

X  

LTC4150 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4150
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4150 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4150 Datasheet HTML 6Page - Analog Devices LTC4150 Datasheet HTML 7Page - Analog Devices LTC4150 Datasheet HTML 8Page - Analog Devices LTC4150 Datasheet HTML 9Page - Analog Devices LTC4150 Datasheet HTML 10Page - Analog Devices LTC4150 Datasheet HTML 11Page - Analog Devices LTC4150 Datasheet HTML 12Page - Analog Devices LTC4150 Datasheet HTML 13Page - Analog Devices LTC4150 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LT6106
11
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
In addition, if the output of the LT6106 is wired to a device
thatwilleffectivelyshortittohighvoltage(suchasthrough
an ESD protection clamp) during a reverse supply condi-
tion, the LT6106’s output should be connected through
a resistor or Schottky diode (Figure 7).
Demo Board
Demo board DC1240 is available for evaluation of the
LT6106.
Response Time
ThephotosintheTypicalPerformanceCharacteristicsshow
the response of the LT6106 to a variety of input conditions
and values of RIN. The photos show that if the output
current is very low or zero and an input transient occurs,
there will be an increased delay before the output voltage
begins changing while internal nodes are being charged.
Figure 6. Schottky Diode Prevents Damage During Supply Reversal
Figure 7. Additional Resistor R3 Protects Output
During Supply Reversal
6106 F06
LT6106
R2
4.99k
D1
VBATT
RSENSE
L
O
A
D
V+
V–
OUT
–IN
+IN
–
+
R1
100
6106 F07
LT6106
R2
4.99k
D1
VBATT
R3
1k
RSENSE
L
O
A
D
V+
V–
OUT
–IN
+IN
ADC
R1
100
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com