Electronic Components Datasheet Search
  English  ▼

X  

LTC6101 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6101
Description  36V Low Cost High Side Current Sense in a SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6101 Datasheet(HTML) 2 Page - Analog Devices

  LTC6101 Datasheet HTML 1Page - Analog Devices LTC6101 Datasheet HTML 2Page - Analog Devices LTC6101 Datasheet HTML 3Page - Analog Devices LTC6101 Datasheet HTML 4Page - Analog Devices LTC6101 Datasheet HTML 5Page - Analog Devices LTC6101 Datasheet HTML 6Page - Analog Devices LTC6101 Datasheet HTML 7Page - Analog Devices LTC6101 Datasheet HTML 8Page - Analog Devices LTC6101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT6106
2
Rev. C
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ to V–)..........................................44V
Input Voltage (+IN to V–)............................................. V+
(–IN to V–) ............................................ V+
Input Current........................................................–10mA
Output Short-Circuit Duration.......................... Indefinite
Operating Temperature Range (Note 4)
LT6106C/LT6106I.................................–40°C to 85°C
LT6106H ............................................ –40°C to 125°C
Specified Temperature Range (Note 4)
LT6106C .................................................. 0°C to 70°C
LT6106I................................................–40°C to 85°C
LT6106H ............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
–IN 3
5 V+
4 +IN
TJMAX = 150°C, θJA = 250°C/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Supply Voltage Range
l
2.7
36
V
VOS
Input Offset Voltage
VSENSE = 5mV
l
150
250
350
µV
µV
ΔVOS/ΔT
Input Offset Voltage Drift
VSENSE = 5mV
l
1
µV/°C
IB
Input Bias Current (+IN)
V+ = 12V, 36V
l
40
65
nA
nA
IOS
Input Offset Current
V+ = 12V, 36V
1
nA
IOUT
Maximum Output Current
(Note 2)
l
1
mA
PSRR
Power Supply Rejection Ratio
V+ = 2.7V to 36V, VSENSE = 5mV
l
106
dB
VSENSE(MAX)
Input Sense Voltage Full Scale
RIN = 500Ω (Notes 2, 7)
l
0.5
V
AV Error
Gain Error (Note 3)
VSENSE = 500mV, RIN = 500Ω, ROUT = 10k, V+ = 12.5V
l
–0.65
–0.25
0
%
VSENSE = 500mV, RIN = 500Ω, ROUT = 10k, V+ = 36V
l
–0.45
–0.14
0.1
%
The l denotes the specifications which apply over the full specified
operating temperature range, otherwise specifications are at TA = 25°C. V+ = 12V, V+ = VSENSE+, RIN = 100Ω, ROUT = 10k, Gain = 100
unless otherwise noted. (Note 6)
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LT6106CS5#TRMPBF
LT6106CS5#TRPBF
LTCWK
5-Lead Plastic TSOT-23
0°C to 70°C
LT6106IS5#TRMPBF
LT6106IS5#TRPBF
LTCWK
5-Lead Plastic TSOT-23
–40°C to 85°C
LT6106HS5#TRMPBF
LT6106HS5#TRPBF
LTCWK
5-Lead Plastic TSOT-23
–40°C to 125°C
AUTOMOTIVE PRODUCTS**
LT6106HS5#WTRMPBF
LT6106HS5#WTRPBF
LTCWK
5-Lead Plastic TSOT-23
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your local
Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com