Electronic Components Datasheet Search
  English  ▼

X  

MAX40201 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX40201
Description  Dual-Channel, 0V to 76V Current-Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40201 Datasheet(HTML) 2 Page - Analog Devices

  MAX40201 Datasheet HTML 1Page - Analog Devices MAX40201 Datasheet HTML 2Page - Analog Devices MAX40201 Datasheet HTML 3Page - Analog Devices MAX40201 Datasheet HTML 4Page - Analog Devices MAX40201 Datasheet HTML 5Page - Analog Devices MAX40201 Datasheet HTML 6Page - Analog Devices MAX40201 Datasheet HTML 7Page - Analog Devices MAX40201 Datasheet HTML 8Page - Analog Devices MAX40201 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VDD to GND .........................................................-0.3V to +6.0V
RS+, RS- to GND..................................................-0.3V to +80V
RS+ to RS- ..........................................................................±30V
Continuous Input Current (Any Pin) .................................±20mA
Continuous Power Dissipation (TA = +70°C)
WLP (derate 13.4mW/°C above +70°C) ....................1072mW
µMAX (derate 4.8mW/°C above +70°C)...................387.8mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s)(µMAX only) .............+300°C
Soldering Temperature (reflow).......................................+260°C
WLP
Junction-to-Ambient Thermal Resistance (θJA) .......74.7°C/W
µMAX
Junction-to-Ambient Thermal Resistance (θJA) .....206.3°C/W
Junction-to-Case Thermal Resistance (θJC)...............42°C/W
(VRS+ = VRS- = +50V, VDD = +3.3V, VSENSE = VRS+ - VRS- = 1mV, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA =+25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage
VDD
Guaranteed by PSRR
2.7
5.5
V
Supply Current
(Both Channels)
IDD
No loads
1.3
2.1
mA
Power-Supply Rejection
Ratio
PSRR
2.7V ≤ VDD ≤ 5.5V
110
dB
Input Common-Mode
Voltage Range
VCM
Guaranteed by CMRR
0
76
V
Input Bias Current at
VRS+ and VRS-
IRS+, IRS-
0.2
µA
Input Offset Current
IRS+ - IRS-
0.2
µA
Input Leakage Current
IRS+, IRS-
VDD = 0V, VRS+ = 76V
0.2
µA
Common-Mode Rejection
Ratio
CMRR
0V < VRS+ < 76V
130
dB
Input Offset Voltage
VOS
µMAX
TA = +25°C, 0 < VCM < 76V
0.5
±12
µV
-40°C ≤ TA ≤ +125°C,
0 < VCM < 76V
±25
WLP
TA = +25°C, 0 < VCM < 76V
±20
-40°C ≤ TA ≤ +125°C,
0 < VCM < 76V
±33
Input Offset Voltage Drift
TCVOS
130
nV/°C
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
(Note 1)
Package Thermal Characteristics
Electrical Characteristics
www.analog.com
Analog Devices │ 2
MAX40201
Dual-Channel, 0V to 76V Current-Sense Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com