Electronic Components Datasheet Search
  English  ▼

X  

LTC2945CMS Datasheet(PDF) 19 Page - Analog Devices

Part # LTC2945CMS
Description  Wide Range I2C Power Monitor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2945CMS Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC2945CMS Datasheet HTML 15Page - Analog Devices LTC2945CMS Datasheet HTML 16Page - Analog Devices LTC2945CMS Datasheet HTML 17Page - Analog Devices LTC2945CMS Datasheet HTML 18Page - Analog Devices LTC2945CMS Datasheet HTML 19Page - Analog Devices LTC2945CMS Datasheet HTML 20Page - Analog Devices LTC2945CMS Datasheet HTML 21Page - Analog Devices LTC2945CMS Datasheet HTML 22Page - Analog Devices LTC2945CMS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
LTC2945
19
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 14. Opto-Isolation of a 10kHz I2C Interface Between LTC2945 and Microcontroller (SCL Omitted for Clarity)
Figure 15. Low Speed 10kHz Opto-Isolators Powered from Low-Side Shunt Regulator
Figure 16. Low Speed 10kHz Opto-Isolators Powered from High-Side Shunt Regulator
LTC2945
SDAI
SDAO
GND
3.3V
GND
SDA
µP
1/2 MOCD207M
1/2 MOCD207M
5V
R4
10k
R5
0.82k
R6
0.51k
R7
10k
VDD
2945 F14
LTC2945
SDAI
SDAO
GND
GND
3.3V
GND
SDA
µP
1/2 MOCD207M
1/2 MOCD207M
R3
1k
R1
10k
R2
0.51k
R4
10k
VDD
RSHUNT
2945 F15
RSNS
0.02
SENSE–
SENSE+
INTVCC
VDD
C1
1µF
VOUT
VEE
VEE
LTC2945-1
SDAI
SDAO
GND
3.3V
GND
SDA
µP
1/2 MOCD207M
1/2 MOCD207M
R3
1k
R1
10k
R2
1k
R4
10k
VDD
RSHUNT
VOUT
VIN
2945 F16
RSNS
0.02
SENSE+
SENSE–
INTVCC
VDD
C1
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com