Electronic Components Datasheet Search
  English  ▼

X  

MAX40659 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX40659
Description  Transimpedance Amplifier with 100mA Input Current Clamp for LiDAR Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX40659 Datasheet(HTML) 2 Page - Analog Devices

  MAX40659 Datasheet HTML 1Page - Analog Devices MAX40659 Datasheet HTML 2Page - Analog Devices MAX40659 Datasheet HTML 3Page - Analog Devices MAX40659 Datasheet HTML 4Page - Analog Devices MAX40659 Datasheet HTML 5Page - Analog Devices MAX40659 Datasheet HTML 6Page - Analog Devices MAX40659 Datasheet HTML 7Page - Analog Devices MAX40659 Datasheet HTML 8Page - Analog Devices MAX40659 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Supply Voltage .....................................................-0.5V to +4.2V
Current Into IN................................................................+100mA
Voltage at OUT+, OUT-......................VCC - 1.2V to VCC + 0.5V
Voltage at CCAP ....................................................-0.3V to 1.2V
Continuous Power Dissipation (TA = +85°C,
derate 24.4mW/°C above +85°C.)..........................1904.8mW
Operating Temperature Range........................... -40°C to +85°C
Operating Junction Temperature Range (die).. -40°C to +150°C
Storage Temperature Range............................ -55°C to +150°C
Soldering Temperature (reflow).......................................+260°C
Die Attach Temperature...................................................+400°C
ESD HBM Rating at IN......................................................±150V
The MAX40658/MAX40659 amplifiers can be damaged by electrostatic discharge (ESD). They must be handled with appropriate precautions. Failure to observe proper handling can cause
damage. ESD damage can range from small performance shifts to product failure.
CAUTION! ESD SENSITIVE DEVICE
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
8-TDFN
PACKAGE CODE
T833+1F
Outline Number
21-0137
Land Pattern Number
90-100071
Thermal Resistance, Single-Layer Board:
Junction to Ambient (θJA)
55°C/W
Junction to Case (θJC)
8°C/W
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
42°C/W
Junction to Case (θJC)
8°C/W
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
www.analog.com
Analog Devices │ 2
MAX40658/MAX40659
Transimpedance Amplifier with 100mA Input
Current Clamp for LiDAR Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com