Electronic Components Datasheet Search
  English  ▼

X  

RH6105MW Datasheet(PDF) 3 Page - Analog Devices

Part # RH6105MW
Description  Precision, Extended Input Range Current Sense Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RH6105MW Datasheet(HTML) 3 Page - Analog Devices

  RH6105MW Datasheet HTML 1Page - Analog Devices RH6105MW Datasheet HTML 2Page - Analog Devices RH6105MW Datasheet HTML 3Page - Analog Devices RH6105MW Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RH6105MW
3
Rev 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
ELECTRICAL CHARACTERISTICS (Post-Irradiation) V+ = 12V, V– = 0V, V
S
+ = 12, RIN1 = RIN2 = 100Ω, ROUT = 5k
(AV = 50), VSENSE = VS+ to VS–, unless otherwise specified. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
NOTES
10kRAD (Si)
20kRAD (Si)
50kRAD (Si)
100kRAD (Si)
200kRAD (Si)
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
AV Error
Voltage Gain Error
VSENSE = 25mV to 75mV,
VS+ = 12V
5
–1.28
1.28
–1.46
1.46
–1.97
1.97
–2.3
2.3
–2.9
2.9
%
VSENSE = 25mV to 75mV,
VS+ = 0V
5
–4.47
2.47
–4.48
2.48
–4.85
2.85
–5.47
3.47
–6.1
4.1
%
VOS
Input Offset Voltage
VSENSE = 5mV
–0.625 0.625 –0.685 0.685 –1.045 1.045 –1.600 1.600 –4.600 4.600
mV
VSENSE = 5mV, VS+ = 0V
–1.4
1.4
–1.9
1.9
–1.9
1.9
–2.2
2.2
–2.5
2.5
mV
CMRR
Input Common Mode
VSENSE = 5mV,
VS+ = 2.8V to 44V
99.3
99.2
96.0
93.0
90.0
dB
VSENSE = 5mV,
VS+ = –0.1V to 44V
83.7
82.9
82.8
81.8
78.0
dB
PSRR
Power Supply Rejection
Ratio
VSENSE = 5mV, VS+ = 12V,
V+ = 2.85V to 36V
95.1
95.1
95.1
93.0
85.4
dB
VSENSE = 5mV, VS+ = 0V,
V+ = 2.85V to 36V
84.2
83.5
83.5
83.2
83.0
dB
I(+IN), I(−IN) Input Current
VSENSE = 0V, VS+ = 3V
21.5
22.5
24.5
28.5
30.5
µA
I(+IN) − I(−IN) Input Offset Current
VSENSE = 0V, VS+ = 3V
0.39
0.39
0.51
0.51
0.51
µA
I(+IN)
Input Current (Power Down) V+ = 0V, VS+ = 44V,
VSENSE = 0 V
270
270
270
270
270
nA
I(−IN)
Input Current (Power Down) V+ = 0V, VS+ = 44V,
VSENSE = 0 V
0.46
0.46
3.81
4.95
5.00
µA
I(+IN) + I(−IN) Input Current (Power-Down) V+ = 0V, VS+ = 44V,
VSENSE = 0V
0.73
0.73
4.08
5.22
5.27
µA
IS
V+ Supply Current
VSENSE = 0V,
VS+ = 3V, V+ = 2.85V
306
315
330
360
400
µA
VSENSE = 0V,
VS+ = 3V, V+ = 36V
370
370
375
380
420
µA
VO(MIN)
Minimum Output Voltage
VSENSE = 0V,
VS+ = 44V, V+ = 36V
26
28
35
36
38
mV
VO(MAX)
Output High (Referred to
V+)
VSENSE = 120mV,
AV =100, ROUT = 10kΩ
1.31
1.34
1.37
1.47
2.3
V
ISC
Short-Circuit Output Current VS+ = 44V, VS– = 0V,
ROUT = 10kΩ
1.67
1.38
0.72
0.65
0.25
mA
S
R
Slew Rate
VSENSE = 5mV to 150mV,
AV = 50V/V, RIN = 400Ω
7
1.65
1.45
0.81
0.5
0.25
V/µs
VREV
Reverse Input Voltage
(Referred to V–)
I(+IN) + I(–IN) = −5mA
–11.8
–11.7
–11.0
–10.0
–9.5
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: ESD (Electrostatic Discharge) sensitive devices. Extensive use of
ESD protection devices are used internal to the RH6105MW, however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum ratings.
Note 4: The RH6105MW is guaranteed to meet specified performance
from –55°C to 125°C.
Note 5: 0.01% tolerance external resistors are used.
Note 6: tr is measured from the input to the 2.5V point on the 5V output.
Note 7: Slew rate is measured on the output between 1V and 5V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com