Electronic Components Datasheet Search
  English  ▼

X  

QJD0240002 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # QJD0240002
Description  Dual Power MOSFET Module (400 Amperes/200 Volts)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QJD0240002 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  QJD0240002 Datasheet HTML 1Page - Powerex Power Semiconductors QJD0240002 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QJD0240002
Powerex, Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272
Dual Power MOSFET Module
400 Amperes/200 Volts
Preliminary
Page 1
7/10/2002
Description:
Powerex Dual MOSFET Module is
designed specially for customer
applications. The module is isolated
for easy mounting with other
components on a common heatsink.
Features:
Typical RDS(on) = 0.0055Ω
Extremely High dv/td Capability
Fast Body-Drain Diode
Isolated Baseplate for Easy
Heat Sinking
Low Thermal Impedance
Isolated Material: DBC Alumina
(4) STY100NS20FD Chips per
MOSFET Switch
Applications:
High Current, High Speed
Switching
Motor Drive
DC-AC Converter for Welding
Equipment
Switch Mode Power Supply
Dim
Inches
Millimeters
A
4.25
108.0
B
2.44
62.0
C
1.14+0.04/-0.02
29+1.0/-0.5
D
3.66
±0.01
93.0
±0.25
E
1.88
±0.01
48.0
±0.25
F
0.67
17.0
G
0.16
4.0
H
0.24
6.0
J
0.59
15.0
Dim
Inches
Millimeters
K
0.55
14.0
L
0.87
22.0
M
0.33
8.5
N
0.10
2.5
P
0.85
21.5
Q
0.98
25.0
R
0.11
2.8
S
0.25 Dia.
6.5 Dia.
T
0.6
15.15


Similar Part No. - QJD0240002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QJD1210006 POWEREX-QJD1210006 Datasheet
458Kb / 4P
Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
QJD1210007 POWEREX-QJD1210007 Datasheet
458Kb / 4P
Silicon Carbide MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010 Datasheet
700Kb / 7P
Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210010 POWEREX-QJD1210010_14 Datasheet
812Kb / 7P
Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
QJD1210011 POWEREX-QJD1210011 Datasheet
703Kb / 7P
Split Dual SiC MOSFET Module 100 Amperes/1200 Volts
More results

Similar Description - QJD0240002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
KD424520 POWEREX-KD424520 Datasheet
408Kb / 4P
Dual Darlington Transistor Module (200 Amperes/600 Volts)
KT234520 POWEREX-KT234520 Datasheet
75Kb / 2P
Split-Dual Bipolar Power Module (200 Amperes/600 Volts)
TM400DZ-24 POWEREX-TM400DZ-24 Datasheet
82Kb / 4P
Dual SCR Module (400 Amperes/1200 Volts)
TM400DZ-2H POWEREX-TM400DZ-2H Datasheet
82Kb / 4P
Dual SCR Module (400 Amperes/1600 Volts)
KD621220 POWEREX-KD621220 Datasheet
395Kb / 4P
DUAL DARLINGTON TRANSISTOR MODULE 200 AMPERES/1200 VOLTS
KD621K20 POWEREX-KD621K20 Datasheet
411Kb / 4P
Dual Darlington Transistor Module 200 Amperes/1000 Volts
FM400TU-2A POWEREX-FM400TU-2A Datasheet
794Kb / 8P
6-PACK High Power MOSFET Module 200 Amperes/100 Volts
QID3320002 POWEREX-QID3320002 Datasheet
740Kb / 6P
Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3320004 POWEREX-QID3320004 Datasheet
572Kb / 6P
Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
QID3340001 POWEREX-QID3340001 Datasheet
504Kb / 6P
Dual IGBT HVIGBT Module 400 Amperes/3300 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com