Electronic Components Datasheet Search
  English  ▼

X  

PCT-102-21 Datasheet(PDF) 2 Page - Metcal

Part # PCT-102-21
Description  PCT-100 Pre-heater Convection Tool
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

PCT-102-21 Datasheet(HTML) 2 Page - Metcal

  PCT-102-21 Datasheet HTML 1Page - Metcal PCT-102-21 Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.metcal.com
Pre-heater and Accessories
PCT-100-11
Pre-heater Convection Tool 110 VAC
PCT-100-21
Pre-heater Convection Tool 220 VAC
PCT-AR
Arm Rest
BH-100
Board Holder
System Packages
PCT-101-11
Pre-heater Convection Tool (110 VAC) with Arm Rest
PCT-101-21
Pre-heater Convection Tool (220 VAC) with Arm Rest
PCT-102-11
Pre-heater Convection Tool (110 VAC) with Arm Rest and Board Holder
PCT-102-21
Pre-heater Convection Tool (220 VAC) with Arm Rest and Board Holder
Spare Parts
PCT-1HE-11
Heater Assembly 110 VAC
PCT-1HE-21
Heater Assembly 220 VAC
PCT-ARPAD
Arm Rest Pad
PCT-100 Pre-heater Specifications
Input Voltage
PCT-100-11
115 VAC
PCT-100-21
230 VAC
Power
150 W
Pollution Degree Category
II
Storage Temperature
-10°C—60°C (14°F—140°F)
Environmental Temperature
0°C—40°C (32°F—104°F)
Air Flow
10.2 cfm
Control Temperature (only shown)
<300°C (572°F)
Surface Resistivity ESD
106Ω - 1011Ω
Dimensions
205mm (L) x 155mm (W) x 65mm (H)
8.07" (L) x 6.10" (W) x 2.56" (H)
Weight
1.6 kg
Certificate/Approvals
cTUVus, CE
Key Features & Benefits
• Accelerates and enhances the lead-free SMT & through-hole rework process
• Temperature ramps up quickly, maximizing productivity
• Adjustable knob controls the required temperature to below 300°C
• Controlled cool-down eliminates thermal shock to PCB And components
• Thermocouple feedback temperature control regulates output temperature
• System safety feature automatically shuts off heating when fan is stopped
• ESD safe
BH-100 Board Holder Specifications
Maximum PCB size:
12.0" (304.8mm) wide
Minimum PCB size:
2.5" (63.5mm) wide
BH-100 Board Holder
Use Metcal soldering tools with the
PCT-100. The Metcal HCT-900 Hand
Held Convection Tool is also ideal for
use with the pre-heater.
PCT-AR Arm Rest
PCT-100 Pre-heater Convection
Tool
PCT-100 Pre-heater Convection Tool



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com