Electronic Components Datasheet Search
  English  ▼

X  

TA78033AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA78033AF
Description  1 A Three-Terminal Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78033AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA78033AF Datasheet HTML 1Page - Toshiba Semiconductor TA78033AF Datasheet HTML 2Page - Toshiba Semiconductor TA78033AF Datasheet HTML 3Page - Toshiba Semiconductor TA78033AF Datasheet HTML 4Page - Toshiba Semiconductor TA78033AF Datasheet HTML 5Page - Toshiba Semiconductor TA78033AF Datasheet HTML 6Page - Toshiba Semiconductor TA78033AF Datasheet HTML 7Page - Toshiba Semiconductor TA78033AF Datasheet HTML 8Page - Toshiba Semiconductor TA78033AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
2
Block Diagram
Absolute Maximum Ratings (Ta = 25°C) (Note2)
Characteristic
Symbol
Rating
Unit
Input voltage
VIN
20
V
Output current
I OUT
1
A
Operating Junction temperature
Tj(opr)
−40~135
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Ta = 25°C
1
Power dissipation
Tc = 25°C
PD
10
W
Note 2: Do not apply current and voltage (including reverse polarity) to any pin that is not specified.
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Thermal characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, junction to ambient
Rth (j−a)
125
°C / W
Thermal resistance, junction to case
Rth (j−c)
12.5
°C / W
Protection Function (reference) (Note3)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Thermal shutdown
TSD
VIN = VOUT + 5 V
―
175
―
°C
Peak circuit current
I PEAK
VIN = VOUT + 5 V, Tj = 25°C
―
1.7
―
A
Short circuit current
I SC
VIN = VOUT + 5 V, Tj = 25°C
―
1.5
―
A
Note 3: Ensure that the devices operate within the limits of the maximum rating when in actual use.
Safe operating
Area circuit
+
-
INPUT
OUTPUT
GND
Reference
voltage circuit
Thermal shutdown
circuit
Over current
protection circuit
Startup
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com