Electronic Components Datasheet Search
  English  ▼

X  

7805AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # 7805AF
Description  1 A Three-Terminal Positive Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

7805AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button 7805AF Datasheet HTML 2Page - Toshiba Semiconductor 7805AF Datasheet HTML 3Page - Toshiba Semiconductor 7805AF Datasheet HTML 4Page - Toshiba Semiconductor 7805AF Datasheet HTML 5Page - Toshiba Semiconductor 7805AF Datasheet HTML 6Page - Toshiba Semiconductor 7805AF Datasheet HTML 7Page - Toshiba Semiconductor 7805AF Datasheet HTML 8Page - Toshiba Semiconductor 7805AF Datasheet HTML 9Page - Toshiba Semiconductor 7805AF Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TA78033, 04, 05, 07, 08, 09AF
2006-11-06
7
接合部温度
Tj (°C)
VOUT – Tj
9.3
9.1
8.9
8.7
8.5
9.5
−50
150
0
50
100
TA7809AF:
VIN = 14 V
IOUT = 5 mA
接合部温度
Tj (°C)
I peak – Tj
0
2.0
−50
150
1.0
1.5
0.5
0
100
50
TA78xxxAF:
VIN = VOUT + 5V
Tj = 25 °C
2.5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
5
10
15
20
入力電圧 VIN (V)
TA7805LS:
IOUT=0.1A,
Tj=25℃
VOUT – VIN
入力電圧
VIN (V)
TA7805AF:
IOUT=0.1A,
Tj=25℃
0.0
2.0
4.0
6.0
8.0
10.0
0
5
10
15
20
入力電圧 VIN (V)
TA7809LS:
IOUT=0.1A,
Tj=25℃
VOUT – VIN
入力電圧
VIN (V)
TA7809AF:
IOUT=0.1A,
Tj=25℃
接合部温度
Tj (°C)
VOUT – Tj
5.25
5.15
4.95
4.85
4.75
5.05
−50
150
0
50
TA7805AF:
VIN = 10 V
IOUT = 5 mA
100
Junction temperature Tj (°C)
Junction temperature Tj (°C)
Input voltage VIN (V)
Input voltage VIN (V)
Junction temperature Tj (°C)
Ambient temperature Ta (°C)
Single
PDmax – Ta
0
2
8
10
12
0
20
40
80
100
120
Condition:
Number of IC = 1
Reflow soldering on a
ceramic substrate
60
140
160
Ta = Tc
50×50×0.8mmt
30×30×0.8mmt
Single
6
4
6
5
3
1
0
4
2
10
8
4
2
0
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com