Electronic Components Datasheet Search
  English  ▼

X  

DA14535MOD Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA14535MOD
Description  SmartBond TINY Bluetooth® LE Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA14535MOD Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA14535MOD Datasheet HTML 24Page - Renesas Technology Corp DA14535MOD Datasheet HTML 25Page - Renesas Technology Corp DA14535MOD Datasheet HTML 26Page - Renesas Technology Corp DA14535MOD Datasheet HTML 27Page - Renesas Technology Corp DA14535MOD Datasheet HTML 28Page - Renesas Technology Corp DA14535MOD Datasheet HTML 29Page - Renesas Technology Corp DA14535MOD Datasheet HTML 30Page - Renesas Technology Corp DA14535MOD Datasheet HTML 31Page - Renesas Technology Corp DA14535MOD Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
SmartBond TINY
Bluetooth® LE Module
R18DS0042EE0300 Revision 3.0
June 21, 2024
CFR0011-120-00
Page 28
14.1 CE (Radio Equipment Directive 2014/53/EU (RED))
– (Europe)
Model no. DA14535MOD-00F0100
The DA14535 SmartBond TINYTM Module is a Radio Equipment Directive (RED) assessed radio that is CE
marked. The module has been manufactured and tested with the intention of being a subassembly to a final
product. The module has been tested to RED 2014/53/EU Essential Requirements for Health, Safety, and Radio.
The applicable standards are:
▪ Radio: EN 300 328 V2.2.2 (2019-07)
▪ Health: (SAR) EN 62479:2010
▪ Safety: EN 62368-1:2018, EN IEC 62368-1:2020+A11:2020
▪ EMC: EN 301 489-1 v2.2.3, EN 301 489-17 v3.2.4
End product will need to perform the radio EMC tests according to EN 301 489. The conducted tests can be
inherited from the module test report. It is recommended to repeat the EN 300 328 radiated testing with the end
product assembly.
Simplified Declaration of Conformity
Hereby, Renesas Design Netherlands B.V declares that radio type equipment DA14535MOD-00F0100 is in compliance
with Directive 2014/53/EU. The full text of the EU declaration of conformity is available at the following internet address:
www.renesas.com
14.2 FCC
– (U.S.A.)
Model no. DA14535MOD-00F0100
FCC ID: Y82-DA14535MOD
14.2.1
List of Applicable FCC Rules
The module complies with FCC Part 15.247.
14.2.2
Summarize the Specific Operational Use Conditions
The module has been certified for Portable applications. This transmitter must not be co-located or operating in
conjunction with any other antenna or transmitter.
14.2.3
Limited Module Procedures
Not applicable.
14.2.4
Trace Antenna Designs
Not applicable.
14.2.5
RF Exposure Considerations
This equipment complies with FCC’s RF radiation exposure limits set forth for an uncontrolled environment. The
antenna(s) used for this transmitter must not be collocated or operating in conjunction with any other antenna or
transmitter.
14.2.6
Antennas
Type
Gain
Impedance
Application
PCB Antenna
-0.5 dBi
50Ω
Fixed
The antenna is permanently attached, cannot be replaced.
14.2.7
Label and Compliance Information
This device complies with part 15 of the FCC rules. Operation is subject to the following two conditions:
1.
This device may not cause harmful interference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com