Electronic Components Datasheet Search
  English  ▼

X  

SPU65 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # SPU65
Description  65W Desktop Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SPU65 Datasheet(HTML) 2 Page - Astrodyne Corporation

  SPU65 Datasheet HTML 1Page - Astrodyne Corporation SPU65 Datasheet HTML 2Page - Astrodyne Corporation SPU65 Datasheet HTML 3Page - Astrodyne Corporation SPU65 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
65W Desktop Switching Power Supplies
S P u 6 5 series
Universal 85-265VAC Input
IEC-320-C14 Input Receptacle
Single, Dual and Triple Outputs from 3.3 to 48VDC
3000V Isolation
Splash Proof Case
Model Number
Output VDC
Output Amps Min. Load
Regulation Output Power Max. Output Connector
DuAL OuTPuT
SPU65-200(S)
3.3/12
7/2.75
0.7/0.55A
7/5%
56.1W
8 Pin DIN
SPU65-201(S)
5/12
7/3
0.7/0.4A
5/5%
65W
5 Pin DIN
SPU65-202(S)
5/15
7/3
1.4/0.6A
5/7%
65W
5 Pin DIN
SPU65-203(S)
5/24
7/2
1.4/0.3A
5/5%
65W
5 Pin DIN
SPU65-204(S)
3.3/5
7/3
1.4/0.6A
7/5%
38.1W
5 Pin DIN
SPU65-215(S)
5/-24
7/2
1.4/0.4A
5/5%
65W
5 Pin DIN
TRIPLE OuTPuT
SPU65-300(S)
3.3/12/-12
7/3/0.8
1.4/0.6/0.8A
7/5/5%
65W
8 Pin DIN
SPU65-301(S)
5/12/-5
6/3/0.8
0.6/0.3/0.8A
5/5/5%
65W
5 Pin DIN
SPU65-302(S)
5/12/-12
6/3/0.8
0.6/0.3/0.8A
5/5/5%
65W
5 Pin DIN
SPU65-303(S)
5/15/-15
6/3/0.8
0.6/0.3/0.8A
5/5/5%
65W
5 Pin DIN
SPU65-304(S)
5/24/-24
7/2/0.8
0.7/0.2/0.8
5/5/5%
65W
5 Pin DIN
SPU65-305(S)
5/24/-12
6/2/0.8
0.6/0.2/0.8
5/5/5%
65W
5 Pin DIN
SPU65-306(S)
3.3/12/-5
7/3/0.8.
0.7/0.6/0.8a
7/5/5%
63.1W
5 Pin DIN
Note: “(S)” Denotes that there is an ON/OFF Switch option available for the SPU65 family of products. To order an SPU65 product with the optional ON/OFF
Switch, simply add an “S” to the end of the standard Part Number. For example SPU65-201S.
Order On-Line!
astrodyne.com
6.6” x 3.0” x 1.75”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com