Electronic Components Datasheet Search
  English  ▼

X  

LS032B7DD02 Datasheet(PDF) 1 Page - Azumo, Inc.

Part # LS032B7DD02
Description  3.2” Reflective LCD 2.0TM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZUMO [Azumo, Inc.]
Direct Link  https://www.azumotech.com/
Logo AZUMO - Azumo, Inc.

LS032B7DD02 Datasheet(HTML) 1 Page - Azumo, Inc.

  LS032B7DD02 Datasheet HTML 1Page - Azumo, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.2” Reflective LCD 2.0TM
Monochrome Memory LCD Display Module with Front Light
These product sheets are the proprietary product of Azumo, Inc. and may not be reproduced in any form without the express written consent of
Azumo. The application examples in these specification sheets are provided to explain the representative applications of the device and are not
intended to guarantee any industrial property right or other rights or license you to use them. Azumo assumes no responsibility for any problems
related to any industrial property right of a third party resulting from the use of the device. Azumo reserves the right to make changes to the
specifications, characteristics, data, materials, structures and other contents at any time without notice in order to improve design or reliability. Azumo
takes no responsibility for damage caused by improper use of the device. Contact a Azumo sales representative for any questions about using this
device.
Overview
LCD 2.0 can be used seamlessly in any lighting condition: from dark spaces to bright, direct sunlight.
Sharp's reflective, MIP LCD technology enables Azumo's patented lightguide technology to deliver high
quality images with ultra-low power consumption, extending the battery life of your device. The active
matrix MIP LCD integrated with a highly efficient front light offers a superior user experience for a variety
of applications where outdated, static HMI no longer suffices.
Azumo
12936-01 | Product Data Sheet
0.05mm thick, Azumo film is over
5x thinner than alternative light guides
Superior readability in all lighting conditions
Sufficient brightness as low as 6 mW
Intrinsically safe with wide temperature range
SPI interface for simple connectivity
Less power compared to a backlit LCD
Active matrix MIP LCD enables dynamic
menu-driven, multi page HMI
View Product Specification
*Preliminary data. May be updated as testing
continues. Latest update: 06/06/2024
Azumo and the Azumo logo are trademarks of Azumo, Inc. @2023 Azumo, Inc. All rights reserved.
Sharp Display P/N
Resolution
Active Area
PPI
Display Colors
Outline
Display Thickness
Display Power Consumption (Static Image)
Display Power Supply Voltage
Response Time, Rise + Fall
Interface
LS032B7DD02
336 (H) x 536 (V)
42.67 mm (H) x 68.07 mm (V)
200
B &W
47.02 mm (W) x 76 mm (H) x 0.705 mm (D)
1.14 mm
40 W
5.0V (Analog) & 5.0V (Digital)
10 + 20 ms
SPI
Front Light Power Supply Voltage
Front Light Power Consumption
Front Light Brightness, Typ
3.0 V
6 - 180 mW
42 nits at 180 mW
Contrast Ratio - Native LCD
Viewing Angle - Native LCD
35
60/60o (H) & 60/60o (V)
-30oC ~ 80oC
-20oC ~ 70oC
Storage temperature (Co)
Operating temperature (Co)


Similar Part No. - LS032B7DD02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LS032B7DD02 SHARP-LS032B7DD02 Datasheet
441Kb / 8P
The Sharp Memory LCD Suite
More results

Similar Description - LS032B7DD02

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX709AKM SONY-ACX709AKM Datasheet
256Kb / 29P
7.60cm Reflective Color LCD Module
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
7.60cm Reflective Color LCD Module
logo
List of Unclassifed Man...
4DLCD32Q ETC2-4DLCD32Q Datasheet
808Kb / 16P
3.2??TFT LCD Display Datasheet
ULCD-32PT(GFX) ETC2-ULCD-32PT(GFX) Datasheet
1Mb / 24P
3.2??LCD Display Module
logo
Azumo, Inc.
LS013B7DH03 AZUMO-LS013B7DH03 Datasheet
204Kb / 1P
1.28” Reflective B&W LCD 2.0TM
05/26/2023
LS013B7DH05 AZUMO-LS013B7DH05 Datasheet
202Kb / 1P
1.26” Reflective B&W LCD 2.0TM
05/24/2023
LS021B7DD02 AZUMO-LS021B7DD02 Datasheet
298Kb / 1P
2.13” Reflective LCD 2.0TM
05/10/2023
LS027B7DH01 AZUMO-LS027B7DH01 Datasheet
736Kb / 1P
2.7” Reflective LCD 2.0TM
12/20/2023
LS044Q7DH01 AZUMO-LS044Q7DH01 Datasheet
32Mb / 1P
4.4” Reflective B&W LCD 2.0TM
07/27/2023
LSO18B7DHO2 AZUMO-LSO18B7DHO2 Datasheet
208Kb / 1P
1.8” Reflective LCD 2.0TM
11/09/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com