Electronic Components Datasheet Search
  English  ▼

X  

BOD001Z Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOD001Z
Description  BOD 6K-RA04-S75
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOD001Z Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOD001Z Datasheet HTML 1Page - Balluff Korea Ltd. BOD001Z Datasheet HTML 2Page - Balluff Korea Ltd. BOD001Z Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOD 6K-RA04-S75
Order Code: BOD001Z
Internet
www.balluff.com
eCl@ss 9.1: 27-27-08-01
Subject to change without notice: 243318
ETIM 6.0: EC001825
BOD001Z_1.2_2025-03-26
2 / 3
Interface
Analog output
Analog, voltage 1…10 V
Output characteristic
linear rising/falling
Switching output
PNP normally open/normally
closed (NO/NC)
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
12 x 41.5 x 21.6 mm
Mounting part
Screw M3
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Light spot size
Ø 5 mm at 50 mm
Light type
LED, red light
Principle of optical operation
Triangulation
Switching function, optical
Light/dark switching
Wave length
632 nm
Range/Distance
Accuracy
±0.8 % FS
Distance deviation 18 % max. (% of Sr)
7 %
Range
10...85 mm
Rated operating distance Sn
85 mm, Adjustable
Repeat accuracy
0.59 %FS
Resolution
≤ 0.15 mm
Remarks
For additional information, refer to user's guide.
Order accessories separately.
Do not press key using a pointed tool.
When using as a UL product the ambient temperature Ta max. must not exceed 50°C.
Only for applications per NFPA 79 (machines with a supply voltage of maximum 600 V). Use an R/C (CYJV2) cable with suitable properties for attaching the
device.
The sensor is functional again after the overload has been eliminated.
Reference object (target): gray card, 200 x 200, 18 % remission, axial approach.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com