Electronic Components Datasheet Search
  English  ▼

X  

HCT8 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # HCT8
Description  HCT8 Series High Clearance and Creepage Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

HCT8 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  HCT8 Datasheet HTML 1Page - Bourns Electronic Solutions HCT8 Datasheet HTML 2Page - Bourns Electronic Solutions HCT8 Datasheet HTML 3Page - Bourns Electronic Solutions HCT8 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HCT8 Series High Clearance and Creepage Transformer
Reflow Solder Profile
TP
TP
tp
ts
TTO
RAMP-UP
L
TL
t L
TMAX.
S
TMIN.
25 °C
PREHEAT
S
Time
CRITICAL ZONE
RAMP-DOWN
t 25 °C TO PEAK
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate
3 °C / second max�
PREHEAT:
Temperature Min� (Tsmin)
Temperature Max� (Tsmax)
Time (Tsmin to Tsmax)
150 °C
200 °C
60~180 seconds
Liquidus Temperature (TL)
217 °C
Time Above Liquidus
Temperature (tL)
60~150 seconds
Peak Temperature (Tp)
240-245 °C
Time within 5 °C of Actual Peak
Temperature (tp)
20~40 seconds
Ramp-Down Rate from Peak
Temperature
6 °C / second max�
Time 25 °C to Peak Temperature
(Tp)
8 minutes max�
Do Not Exceed
245 °C
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Electrical Schematic
PRIMARY
SECONDARY
POLARITY
1
2
3
6
5
4
Packaging Specifications
Tape & Reel����������� 400 pcs�/13-inch reel
How To Order
HCT8xxxxE A L - E
Model
AEC-Q200 Compliancy Designator
RoHS Compliancy Designator
Packaging
E = 400 pcs� per 13-inch Reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com