Electronic Components Datasheet Search
  English  ▼

X  

EM78452P Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78452P
Description  8-Bit Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78452P Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78452P Datasheet HTML 12Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 13Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 14Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 15Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 16Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 17Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 18Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 19Page - ELAN Microelectronics Corp EM78452P Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
EM78452
8-Bit Microcontroller
12
•
Product Specification (V1.0) 10.18.2007
(This specification is subject to change without further notice)
Refer to the Timer 1 prescaler table for FOSC illustration under the section “Timer 1” on
the subsequent pages.
5.2.5 IOCD (Pull-high Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
S7
-
-
-
/PU9
/PU8
/PU6
/PU5
The default values of /PU5, /PU6, /PU8, and /PU9 are “1”, which means that the
pull-high function is disabled.
/PU6 and /PU9 are “AND” gating with /PHEN, that is, when each one is written with
a “0”, pull high is enabled.
S7 defines the driving ability of the P70-P72.
0: Normal output
1: Enhances the driving ability of the LED
5.2.6 IOCE (WDT Control Register)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
-
ODE
WDTE
SLPC
ROC
-
-
/WUE
Bits 7, and 1~2 are not used.
Bit 6 (ODE) Open-drain control bit.
0 : Both P76 and P77 are normally I/O pins.
1 : Both P76 and P77 pins have the open-drain function inside.
The ODE bit can be read and written to.
Bit 5 (WDTE) Control bit used to enable the Watchdog timer.
The WDTE bit can be used only if ENWDT, the Code Option bit, is "1." If the
ENWDT bit is "1," then WDT can be disabled / enabled by the WDTE bit.
0: Disable WDT
1: Enable WDT
The WDTE bit is not used if ENWDT, the Code Option bit ENWD is "0".
That is, if the ENWDT bit is "0", WDT is always disabled no matter what the
WDTE bit is.
The WDTE bit can be read and written to.
Bit 4 (SLPC) This bit is set by hardware at a falling edge of the wake-up signal and is
cleared by software. The SLPC is used to control the oscillator operation.
The oscillator is disabled (oscillator stops, and the controller enters the
Sleep 2 mode) on the high-to-low transition and is enabled (the controller
is awakened from Sleep 2 mode) on a low-to-high transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com