Electronic Components Datasheet Search
  English  ▼

X  

0824656 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824656
Description  UC-TMF 8 GN CUS - Marker for terminal blocks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824656 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824656 Datasheet HTML 1Page - PHOENIX CONTACT 0824656 Datasheet HTML 2Page - PHOENIX CONTACT 0824656 Datasheet HTML 3Page - PHOENIX CONTACT 0824656 Datasheet HTML 4Page - PHOENIX CONTACT 0824656 Datasheet HTML 5Page - PHOENIX CONTACT 0824656 Datasheet HTML 6Page - PHOENIX CONTACT 0824656 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, can be ordered: by sheet, green, labeled according to customer
specifications, mounting type: snap into flat marker groove, for terminal block width: 8.2 mm,
Number of individual labels: 56, text field height: 5.1 mm, text field width: 7.6 mm
Your advantages
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
The UC-TMF ... UniCard labeling range includes markers for products with tall and flat marker grooves
•
Commercial data
Item number
0824656
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8117
Catalog page
Page 63 (C-5-2013)
GTIN
4046356359917
Weight per piece (including packing)
11.58 g
Weight per piece (excluding packing)
8.7 g
Country of origin
PL
UC-TMF 8 GN CUS - Marker for terminal blocks
0824656
https://www.phoenixcontact.com/us/products/0824656
May 9, 2025, 1:35AM
Page 1 (7)


Similar Part No. - 0824656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824650 PHOENIX-0824650 Datasheet
246Kb / 7P
UC-TMF 6 RD CUS - Marker for terminal blocks
0824651 PHOENIX-0824651 Datasheet
237Kb / 6P
UC-TMF 6 VT CUS - Marker for terminal blocks
0824652 PHOENIX-0824652 Datasheet
245Kb / 7P
UC-TMF 6 YE CUS - Marker for terminal blocks
0824654 PHOENIX-0824654 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 8 CUS
0824655 PHOENIX-0824655 Datasheet
247Kb / 7P
UC-TMF 8 BU CUS - Marker for terminal blocks
More results

Similar Description - 0824656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818616 PHOENIX-0818616 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 6 GN
0818645 PHOENIX-0818645 Datasheet
48Kb / 3P
Marker for terminal blocks - UC-TMF 8 BU
0824519 PHOENIX-0824519 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TMF 8 CUS
0824591 PHOENIX-0824591 Datasheet
68Kb / 3P
Marker for terminal blocks - UC-TM 6 GN CUS
0824630 PHOENIX-0824630 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 4 CUS
0824631 PHOENIX-0824631 Datasheet
54Kb / 3P
Marker for terminal blocks - UC-TMF 4 BU CUS
0824646 PHOENIX-0824646 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TMF 6 CUS
0824654 PHOENIX-0824654 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 8 CUS
0824678 PHOENIX-0824678 Datasheet
52Kb / 3P
Marker for terminal blocks - UC-TMF 16 CUS
0824659 PHOENIX-0824659 Datasheet
71Kb / 4P
Marker for terminal blocks - UC-TMF 8 VT CUS
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com