Electronic Components Datasheet Search
  English  ▼

X  

IMB501 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IMB501
Description  ATX Motherboard with LGA1151 Socket 7th/6th Gen Intel® Core™ Processor, Intel® H110, USB 3.0, SATA 3.0, Dual LAN, VGA, DisplayPort, HDMI and mSATA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IMB501 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IMB501 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
CPU
LGA1151 socket 7th/6th gen Intel® Core™ i7/i5/i3,
Pentium® & Celeron® processor
System Memory
2 x 288-pin DDR4-2400/2133/1866 DIMM, up to 32GB
Chipset
Intel® H110
BIOS
AMI BIOS
SSD
N/A
Watchdog Timer
255 levels, 1 to 255 sec.
Expansion Interface
1 x PCIe x16 slot
2 x PCIe x4 slot (only support x1 signal)
4 x PCI slot
1 x PCI Express Mini Card slot
1 x SIM slot
Battery
Lithium 3 V/220 mAH
Dimensions
305 x 244 mm
Board Thickness
1.6 mm
Operating Temperature
0°C to +60°C (+32°F to +140°F)
Humidity
10% to 95% relative humidity, non-condensing
I/O
Core System
Display
Graphic
Intel® HD Graphic
Memory Size
Share system memory
Display Interface
1 x DisplayPort
1 x HDMI
1 x VGA
SATA
3 x SATA-600
1 x mSATA
Hardware Monitoring
Detect CPU/system temperature, voltage and supports Smart
fan control
Ethernet
1x 10/100/1000 Mbps Ethernet with Intel® i219-LM;
supports Wake-on-LAN, PXE Boot ROM
1 x 10/100/1000 Mbps Ethernet with Intel® i210-AT;
supports Wake-on-LAN, PXE Boot ROM
Audio
HD Codec audio as Mic-in/Line-in/Line-out with Realtek
ALC662
USB
4 x USB 3.0
4 x USB 2.0
Serial
4 x RS-232 (Internal box header)
2 x RS-232/422/485 (COM 1: rear IO, COM 2: internal box
header)
PS/2 Combo Port
1 x PS/2 keyboard and mouse
TPM
N/A
SMBus
Yes
Digital I/O
8-channel programmable
Side view
PCI
PCIe x16
Audio
LAN &
2 x USB 3.0
LAN &
2 x USB 3.0
COM &
HDMI
VGA
& DP PS/2 KB & MS
COM
CPU power
DDR4
ATX power
3 x SATA 3.0
mSATA
PCI Express Mini Card slot
SIM slot
PCIe x1
4 x USB 2.0
4 x COM
IMB501
ATX Motherboard with LGA1151 Socket 7th/6th Gen Intel® Core™ Processor, Intel® H110,
USB 3.0, SATA 3.0, Dual LAN, VGA, DisplayPort, HDMI and mSATA
Features
● LGA1151 socket 7th/6th gen Intel® Core™ i7/i5/i3,
Pentium® & Celeron® processor (Kaby Lake/Skylake)
● Two 288-pin DDR4-2400/2133/1866 DIMM for
up to 32GB of memory
● DisplayPort, HDMI and VGA with dual-view supported
● 3 SATA-600 and 1 mSATA
● 4 USB 3.0 and 4 USB 2.0
● 1 PCI Express Mini Card slot
Ordering Information
Standard
IMB501
(P/N: E38F501101)
ATX motherboard with LGA1151 socket 7th/6th gen Intel®
Core™ i7/i5/i3, Pentium® & Celeron® processor, Intel®
H110, USB 3.0, SATA 3.0, 2 GbE LAN, VGA, DisplayPort,
HDMI and mSATA
Optional
5938A808010E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=190 mm
5938A808020E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=400 mm
593826A0000E
SATA signal cable/red, L=500 mm
59384500100E
Audio cable with bracket, P=2.0 mm, L=450 mm
59380402010E
1 x COM port cable with bracket, P=2.54 mm, L=300 mm
59380703000E
2 x COM port cable with bracket, P=2.54 mm, L=300 mm
USB 3.0
USB
USB
DualView
PCIe Mini
PCIe Mini
PCIe Mini
DDR4
DDR4
DDR4
Processor List
CPU
Speed
Cache
Cores
TDP
Intel® Core™ i7-7700 Processor
3.6 GHz
8 MB
4
65 W
Intel® Core™ i7-7700T Processor
2.9 GHz
8 MB
4
35 W
Intel® Core™ i7-6700K Processor
4.0 GHz
8 MB
4
91 W
Intel® Core™ i7-6700 Processor
3.4 GHz
8 MB
4
65 W
Intel® Core™ i7-6700TE Processor
2.4 GHz
8 MB
4
35 W
Intel® Core™ i5-7500 Processor
3.4 GHz
6 MB
4
65 W
Intel® Core™ i5-7500T Processor
2.7 GHz
6 MB
4
35 W
Intel® Core™ i5-6500 Processor
3.2 GHz
6 MB
4
65 W
Intel® Core™ i5-6500TE Processor
2.3 GHz
6 MB
4
35 W
Intel® Core™ i3-7100 Processor
3.9 GHz
3 MB
2
51 W
Intel® Core™ i3-7101TE Processor
3.4 GHz
3 MB
2
35 W
Intel® Core™ i3-6100 Processor
3.7 GHz
3 MB
2
51 W
Intel® Core™ i3-6100TE Processor
2.7 GHz
4 MB
2
35 W
Intel® Celeron® G4620 Processor
3.7 GHz
3 MB
2
51 W
Intel® Celeron® G4400 Processor
3.3 GHz
3 MB
2
54 W
Intel® Celeron® G4400TE Processor
2.4 GHz
3 MB
2
35 W
Intel® Celeron® G3950 Processor
3.0 GHz
2 MB
2
51 W
Intel® Celeron® G3900TE Processor
2.3 GHz
2 MB
2
35 W
88
www.axiomtek.com
© 2020 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
2
3
5
7
4
6
8
1
Updated Sep. 23, 2021.


Similar Part No. - IMB501

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB501 AXIOMTEK-IMB501 Datasheet
319Kb / 1P
LGA1151 socket 6th/7th gen Intel짰 Core??i7/i5/i3, PentiumR & CeleronR processor (Skylake/Kaby Lake)
IMB501 AXIOMTEK-IMB501_17 Datasheet
304Kb / 1P
ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel Core Processor
More results

Similar Description - IMB501

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IMB500 AXIOMTEK-IMB500_17 Datasheet
272Kb / 1P
ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel짰 Core Processor
IMB501 AXIOMTEK-IMB501_17 Datasheet
304Kb / 1P
ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel Core Processor
IMB502 AXIOMTEK-IMB502 Datasheet
406Kb / 1P
ATX Industrial Motherboard with LGA1151 Socket 6th/7th Gen Intel Core Processor
MANO500 AXIOMTEK-MANO500_17 Datasheet
322Kb / 1P
Mini-ITX SBC with LGA1151 Socket 6th/7th Gen Intel Core Processor
MMB501 AXIOMTEK-MMB501 Datasheet
404Kb / 1P
Micro ATX Industrial Motherboard with LGA1151 Socket 7th/6th Gen Intel짰 Core??Processor
logo
DFI Inc
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
6th/7th Gen Intel Core Processor
logo
Advantech Co., Ltd.
AIMB-705 ADVANTECH-AIMB-705 Datasheet
680Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with DVI/ VGA, DDR4, SATA III, USB 3.0 & 6 COMs
3-Jan-2023
AIMB-785 ADVANTECH-AIMB-785 Datasheet
597Kb / 2P
LGA1151 6th/7th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® ATX with Triple Display, DDR4, SATA III
3-Jan-2023
PCE-5029 ADVANTECH-PCE-5029 Datasheet
442Kb / 2P
LGA1151 6th and 7th Generation Intel® Core™ i7/i5/i3/Pentium/Celeron System Host Board with DDR4, SATA 3.0, USB 3.0, Dual GbE, and Dual Displays
20-Oct-2022
PCE-7129 ADVANTECH-PCE-7129 Datasheet
601Kb / 2P
LGA1151 6th and 7th Generation Intel® Xeon®/Core™ i7/i5/i3/Pentium® LGA1151 System Host Board with DDR4, SATA 3.0, USB 3.0, M.2, Dual GbE, and Triple Displays
21-Apr-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com