Electronic Components Datasheet Search
  English  ▼

X  

TBC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # TBC
Description  ATX Motherboard with LGA4677 Socket 5th/4th Gen Intel® Xeon® Scalable Processors, Intel® C741, 5 PCIe x16, VGA, IPMI, USB 3.2, and NVMe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

TBC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  TBC Datasheet HTML 1Page - Axiomtek Co., Ltd. TBC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Standard
IMB701
(P/N: TBC)
ATX motherboard with LGA4677 socket 5th/4th gen Intel® Xeon® Scalable processors, Intel® C741, 5 PCIe x16, VGA, IPMI, USB 3.2,
and NVMe
Optional
5938A808010E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=190 mm
5938A808020E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=400 mm
E393242100
AX93242-RC HD audio converter kit
5948C122800E
2 x USB 3.1 Gen1 cable with bracket, L=400 mm
593826A0000E
SATA signal cable/red, L=500 mm
Display
Chipset
AST2600
Memory Size
N/A
Display Interface
1 x VGA
I/O
SATA
6 x SATA-600 with RAID 0/1/5/10
Hardware Monitoring
Detect CPU/system temperature, voltage and supports Smart fan control
Ethernet
2 x 10/100/1000 Mbps Ethernet (Intel® I210-AT)
1 x Dedicated IPMI LAN port (Realtek RTL8211F)
Audio
HD audio interface (2x8 pin header)
USB
4 x USB 3.2 Gen1
2 x Internal USB 3.2 Gen1
2 x Internal USB 2.0
1 x Internal USB 2.0 Type-A (for license dongle)
Serial
1 x Rear I/O COM (RS-232 DB9)
1 x Internal COM (RS-232)
PS/2 Combo Port
1 x PS/2 keyboard and mouse
Management
IPMI 2.0
Redfish API
SMBus
Yes
Digital I/O
8-channel TTL
Mechanical and Environmental
Dimensions
305 x 244 mm
Board Thickness
2.54 mm
Operating Temperature 0°C to +60°C (+32°F to +140°F)
Storage Temperature
-40°C to +85°C (-40°F to +185°F)
Humidity
10% to 95% relative humidity at 40°C, non-condensing
OS Compatibility
Windows server 2022, Linux Ubuntu 22.04
Specifications
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Feb. 25, 2025.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com