Electronic Components Datasheet Search
  English  ▼

X  

0803464 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803464
Description  TM-PTRV 4,QR:1-4 - Marker for terminal blocks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803464 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803464 Datasheet HTML 1Page - PHOENIX CONTACT 0803464 Datasheet HTML 2Page - PHOENIX CONTACT 0803464 Datasheet HTML 3Page - PHOENIX CONTACT 0803464 Datasheet HTML 4Page - PHOENIX CONTACT 0803464 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, Strip, white, labeled, mounting type: latching, for terminal block width:
4 mm, Number of individual labels: 8, text field height: 9.2 mm, text field width: 2.4 mm
Commercial data
Item number
0803464
Packing unit
10 pc
Minimum order quantity
10 pc
Sales key
BG05
Product key
BG2122
Catalog page
Page 49 (C-1-2019)
GTIN
4055626074177
Weight per piece (including packing)
1 g
Weight per piece (excluding packing)
0.97 g
Customs tariff number
49119900
Country of origin
PL
TM-PTRV 4,QR:1-4 - Marker for terminal blocks
0803464
https://www.phoenixcontact.com/us/products/0803464
May 13, 2025, 5:59AM
Page 1 (5)


Similar Part No. - 0803464

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803460 PHOENIX-0803460 Datasheet
182Kb / 5P
EMT (23X109)R GY - Insert label
0803461 PHOENIX-0803461 Datasheet
184Kb / 6P
EMT (EX14)R - Insert label
0803462 PHOENIX-0803462 Datasheet
183Kb / 5P
EMT (EX14)R TQ - Insert label
0803463 PHOENIX-0803463 Datasheet
183Kb / 5P
EMT (EX14)R YE - Insert label
0803466 PHOENIX-0803466 Datasheet
53Kb / 2P
Marker for terminal blocks - TM-PTRV 4,QR:A-D
09/12/2020
More results

Similar Description - 0803464

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818111 PHOENIX-0818111 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 4
0821247 PHOENIX-0821247 Datasheet
50Kb / 2P
Marker for terminal blocks - UC1-TM 6
0821713 PHOENIX-0821713 Datasheet
50Kb / 2P
Marker for terminal blocks - UC2-TM 4
0824573 PHOENIX-0824573 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 4 CUS
0830905 PHOENIX-0830905 Datasheet
52Kb / 2P
Marker for terminal blocks - UM1-TM (5X10)
0830906 PHOENIX-0830906 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (8X10)
0830915 PHOENIX-0830915 Datasheet
50Kb / 3P
Marker for terminal blocks - UM3-TM (6X8)
0830916 PHOENIX-0830916 Datasheet
50Kb / 3P
Marker for terminal blocks - UM1-TM (12X10)
0803466 PHOENIX-0803466 Datasheet
53Kb / 2P
Marker for terminal blocks - TM-PTRV 4,QR:A-D
09/12/2020
0803471 PHOENIX-0803471 Datasheet
52Kb / 2P
Marker for terminal blocks - TM-PTRV 8,QR:A-H
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com