Electronic Components Datasheet Search
  English  ▼

X  

0824613 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824613
Description  UC-TM 12 CUS - Marker for terminal blocks
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824613 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824613 Datasheet HTML 1Page - PHOENIX CONTACT 0824613 Datasheet HTML 2Page - PHOENIX CONTACT 0824613 Datasheet HTML 3Page - PHOENIX CONTACT 0824613 Datasheet HTML 4Page - PHOENIX CONTACT 0824613 Datasheet HTML 5Page - PHOENIX CONTACT 0824613 Datasheet HTML 6Page - PHOENIX CONTACT 0824613 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer
specifications, mounting type: snap into tall marker groove, for terminal block width: 12 mm,
Number of individual labels: 40, text field height: 10.5 mm, text field width: 11.45 mm
Your advantages
The UC-TM ... UniCard labeling range includes markers for products with tall marker grooves
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
The multi-section marking strips are easy to fit and can be easily separated if required
•
The sheets provide space for including function texts
•
The markers support multi-line labeling
•
The format automatically ensures printing with a high degree of positioning accuracy
•
Commercial data
Item number
0824613
Packing unit
1 pc
Minimum order quantity
10 pc
Note
Made to order (non-returnable)
Sales key
BG24
Product key
BG8117
Catalog page
Page 61 (C-5-2013)
GTIN
4046356359481
Weight per piece (including packing)
12.22 g
Weight per piece (excluding packing)
7.1 g
Customs tariff number
49119900
Country of origin
PL
UC-TM 12 CUS - Marker for terminal blocks
0824613
https://www.phoenixcontact.com/us/products/0824613
May 13, 2025, 5:53AM
Page 1 (7)


Similar Part No. - 0824613

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824610 PHOENIX-0824610 Datasheet
232Kb / 5P
UC-TM 10 VT CUS - Marker for terminal blocks
0824611 PHOENIX-0824611 Datasheet
241Kb / 7P
UC-TM 10 YE CUS - Marker for terminal blocks
0824614 PHOENIX-0824614 Datasheet
242Kb / 7P
UC-TM 12 BU CUS - Marker for terminal blocks
0824615 PHOENIX-0824615 Datasheet
242Kb / 7P
UC-TM 12 GN CUS - Marker for terminal blocks
0824616 PHOENIX-0824616 Datasheet
244Kb / 7P
UC-TM 12 OG CUS - Marker for terminal blocks
More results

Similar Description - 0824613

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824573 PHOENIX-0824573 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 4 CUS
0824584 PHOENIX-0824584 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 OG CUS
0824585 PHOENIX-0824585 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 RD CUS
0824586 PHOENIX-0824586 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 VT CUS
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0824591 PHOENIX-0824591 Datasheet
68Kb / 3P
Marker for terminal blocks - UC-TM 6 GN CUS
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0824597 PHOENIX-0824597 Datasheet
48Kb / 2P
Marker for terminal blocks - UC-TM 8 CUS
0824605 PHOENIX-0824605 Datasheet
50Kb / 2P
Marker for terminal blocks - UC-TM 10 CUS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com