Electronic Components Datasheet Search
  English  ▼

X  

596 Datasheet(PDF) 1 Page - Littelfuse

Part # 596
Description  Cartridge Fuse Holders Enclosed Fuseholders > Circuit Board Mounted
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

596 Datasheet(HTML) 1 Page - Littelfuse

  596 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 06/04/15
Enclosed Fuseholders > Circuit Board Mounted
Cartridge Fuse Holders
Compatible Fuse Types
5×20mm
Materials
Holder: Duroplastic, black
Cap: Thermoplastic, UL 94 V-0, black
Metal Parts: Copper alloy, corrosion protected
Terminals: Solderable, tinned
Electrical Data (23ºC)
Rated Voltage: 250V
Max. Current/Power: 6.3 A / 2.0 W
Mounting
(2) Solder pins0.5×1.1mm
Protection Class & Category
IP 40 (IEC 60529)
Operating Temperature
-25 °C to 70 °C
Stock Conditions
10 °C to 60 °C
Contact Resistance
≤ 5mΩ
Dielectric Strength
3 kV, 50Hz, 1 min., dry
Insulation Resistance
> 10 MΩ (500 V DC, 1 min.)
Solderability
235 ºC, 3 sec. (Wave)
350 ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
260 °C, 5 sec.
Minimum Cross Section
Conductor - 0.2mm2
Marking
596, 250 V
Unit Weight
2,2 g (596) / 1,7 g (583)
Holes in the Printed Circuit Board
1,1
ø10,5
12 ±0,2
12,5
1,25 ±0,15
Printed Circuit Board
4 ±0,2
11,7 ±0,2
0,5 +0,05
+0,2
23-0,5
+0,2
+0,1
12,5 +0,2
RoHS
Pb
Product Characteristics
Dimensions
8,5 ±0,5
15,7 ±0,4
Bayonet-connector-nose
Slot for screw-driver
Note: 1.00 means the number one with two decimal places. 1,000 means the number one
thousand.
FLUSH MOUNT TYPE
583 Cap
596 Series Holder
596/583 Series Circuit Board Mount Enclosed Fuse Holders for 5×20mm Fuses
Ordering Information
Description
Ordering Number
Packaging
Cap, 5×20 mm
58300000005
Bulk 100
596 Series Holder
59600000005
Bulk 100
Specifications are subject to change without notice. Application testing is strongly recommended.
Units in Millimeters
Additional Information
Datasheet
Samples
Resources


Similar Part No. - 596

ManufacturerPart #DatasheetDescription
logo
Littelfuse
596 LITTELFUSE-596 Datasheet
216Kb / 1P
MINIATURE FUSEHOLDERS
logo
Tyco Electronics
596 MACOM-596 Datasheet
1Mb / 8P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Cooper Bussmann, Inc.
5960-07 COOPER-5960-07 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
5960-09 COOPER-5960-09 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
logo
TE Connectivity Ltd
5960-203-04141 TEC-5960-203-04141 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results

Similar Description - 596

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
logo
Littelfuse
345 LITTELFUSE-345 Datasheet
779Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
345-HV LITTELFUSE-345-HV Datasheet
899Kb / 3P
345 HV Series Panel Mount Enclosed Fuse Holders
03450601H LITTELFUSE-03450601H_V01 Datasheet
719Kb / 3P
345 HV Series Panel Mount Enclosed Fuse Holders/345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Revised: 12/10/19
03453LS7HXLNP LITTELFUSE-03453LS7HXLNP_V01 Datasheet
658Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
58300000005 LITTELFUSE-58300000005 Datasheet
615Kb / 1P
596/583 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 06/04/15
652 LITTELFUSE-652_V01 Datasheet
514Kb / 1P
652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
83000000005 LITTELFUSE-83000000005 Datasheet
868Kb / 2P
830/831/834 Series Circuit Board Mount Enclosed Fuse Holders
Revised: 02/13/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com