Electronic Components Datasheet Search
  English  ▼

X  

32680 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 32680
Description  compact - non-locking
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

32680 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  32680 Datasheet HTML 1Page - Wixroyd Group Ltd 32680 Datasheet HTML 2Page - Wixroyd Group Ltd 32680 Datasheet HTML 3Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
compact - non-locking
Index Plungers - Pull Grip
Index Plunger &
Pins
Order No.
Type
Material
d
1
-0.02|-0.04
d
2
d
3
l
1
l
2
min.
l
3
l
4
A/F
Spring load F
1
N
≈
Spring load F
2
N
≈
Weight
g
32680.W0103
No Lock
Steel
4
M 8x1,0
16
35.0
4
16
5
10
4.5
12.0
10
32680.W0104
No Lock
Steel
4
M 8x1,0
16
35.0
6
16
5
10
4.0
12.5
10
32680.W0106
No Lock
Steel
5
M10x1,0
19
40.0
5
18
6
12
5.0
15.5
18
32680.W0107
No Lock
Steel
5
M10x1,0
19
40.0
8
18
6
12
5.0
18.0
18
32680.W0109
No Lock
Steel
6
M12x1,5
23
48.0
6
22
6
14
6.5
19.0
29
32680.W0110
No Lock
Steel
6
M12x1,5
23
48.0
9
22
6
14
6.0
25.0
29
32680.W0112
No Lock
Steel
8
M16x1,5
28
58.0
8
26
8
17
8.5
26.0
62
32680.W0113
No Lock
Steel
8
M16x1,5
28
58.0
12
26
8
17
8.5
28.0
62
32680.W0115
No Lock
Steel
10
M16x1,5
28
58.0
12
26
8
17
9.5
38.0
63
32680.W0116
No Lock
Steel
12
M20x1,5
33
67.0
15
33
10
22
11.5
40.0
117
32680.W0117
No Lock
Steel
16
M24x 2
33
78.5
20
38
12
27
13.0
54.0
204
32680.W0203
No Lock Stainless
4
M 8x1,0
16
35.0
4
16
5
10
4.5
12.0
10
32680.W0204
No Lock Stainless
4
M 8x1,0
16
35.0
6
16
5
10
4.0
12.5
10
32680.W0206
No Lock Stainless
5
M10x1,0
19
40.0
5
18
6
12
5.0
15.5
18
32680.W0207
No Lock Stainless
5
M10x1,0
19
40.0
8
18
6
12
5.0
18.0
18
32680.W0209
No Lock Stainless
6
M12x1,5
23
48.0
6
22
6
14
6.5
19.0
29
32680.W0210
No Lock Stainless
6
M12x1,5
23
48.0
9
22
6
14
6.0
25.0
29
32680.W0212
No Lock Stainless
8
M16x1,5
28
58.0
8
26
8
17
8.5
26.0
62
32680.W0213
No Lock Stainless
8
M16x1,5
28
58.0
12
26
8
17
8.5
28.0
62
32680.W0215
No Lock Stainless
10
M16x1,5
28
58.0
12
26
8
17
9.5
38.0
63
32680.W0216
No Lock Stainless
12
M20x1,5
33
67.0
15
33
10
22
11.5
40.0
117
32680.W0217
No Lock Stainless
16
M24x 2
33
78.5
20
38
12
27
-
-
204
32680
0333 207 4497
sales@wixroyd.com
1
Material
Free cutting steel type-
Body: free cutting steel, blackened.
Pin: steel, hardened.
Grip:thermoplastic PA6, black.
Stainless steel type -
Body: stainless steel 1.4305 (AISI 303).
Pin: stainless steel 1.4305 (AISI 303),
nickel plated.
Grip: thermoplastic PA6, black.
Technical Notes
„Non Locking“ type- pin simply springs
back when grip relased.
Thread recess on body allows full engage-
ment of thread length. Hexagon collar
improves leverage for secure installation.
Benefits from a more compact design and
hence shorter overall length.
Temperature resistance from -30° to
+80°C.
Distance collars no. 32750 can be used to
adapt screw length.
Lock nuts sold separately. See products
65690 and 65692
Tips
Grip non-removable.
Spring loads * = statistical average.


Similar Part No. - 32680

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
326800 TEC-326800 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
326801 TEC-326801 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
326802 TEC-326802 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
326803 TEC-326803 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
326804 TEC-326804 Datasheet
6Mb / 20P
AMPOWER TERMINALS AND SPLICES
More results

Similar Description - 32680

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
Compact Guard-locking Interlock Safety Door Switch
logo
Yamaichi Electronics Co...
CF050P2-LT YAMAICHI-CF050P2-LT Datasheet
41Kb / 1P
Compact Flash Card Reader, Locking Mechanism
logo
Bud Industries, Inc.
BAS-5107 BUD-BAS-5107 Datasheet
34Kb / 1P
SLIDE MOUNTING BRACKET, NON-LOCKING LATCH HANDLE ASSEMBLY
logo
TOCOSAMERICA, INC.
RSM12C TOCOS-RSM12C Datasheet
270Kb / 1P
Compact Non-contact angle sensor
logo
NXP Semiconductors
SSL21083AT PHILIPS-SSL21083AT Datasheet
213Kb / 23P
Compact non-dimmable LED driver IC
Rev. 6-4 October 2013
logo
DDK Ltd.
PMQ DDK-PMQ Datasheet
684Kb / 3P
Compact Push-On Locking Coaxial Connector
logo
TE Connectivity Ltd
FC-325 TEC-FC-325 Datasheet
1,004Kb / 6P
Compact, Hermetically Sealed, Non-Latching Relays
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
Compact Non-contact Door Switch
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G Datasheet
788Kb / 3P
Compact Non-contact Infrared Thermometer
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N Datasheet
1Mb / 5P
Compact Non-contact Infrared Thermometer
1.0.1 2022. 7. 14.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com