Electronic Components Datasheet Search
  English  ▼

X  

32690 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 32690
Description  compact -locking
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

32690 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  32690 Datasheet HTML 1Page - Wixroyd Group Ltd 32690 Datasheet HTML 2Page - Wixroyd Group Ltd 32690 Datasheet HTML 3Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
compact -locking
Index Plungers - Compact
Index Plunger &
Pins
Order No.
Type
Material
d
1
-0.02|-0.04
d
2
d
3
l
1
l
2
min.
l
3
l
4
A/F
Spring load F
1
N
≈
Spring load F
2
N
≈
Weight
g
32690.W0123
Locking
Steel
4
M 8x1,0
16
35
4
16
5
10
4.5
12.0
12.0
32690.W0124
Locking
Steel
4
M 8x1,0
16
35
6
16
5
10
4.0
12.5
12.0
32690.W0126
Locking
Steel
5
M10x1,0
19
40
5
18
6
12
5.0
15.0
20.0
32690.W0127
Locking
Steel
5
M10x1,0
19
40
8
18
6
12
5.0
18.0
20.0
32690.W0129
Locking
Steel
6
M12x1,5
23
48
6
22
6
14
6.5
19.0
31.0
32690.W0130
Locking
Steel
6
M12x1,5
23
48
9
22
6
14
6.0
25.0
33.0
32690.W0132
Locking
Steel
8
M16x1,5
28
58
8
26
8
17
8.5
26.0
65.0
32690.W0133
Locking
Steel
8
M16x1,5
28
58
12
26
8
17
8.5
28.0
68.0
32690.W0135
Locking
Steel
10
M16x1,5
28
58
12
26
8
17
9.5
38.0
69.0
32690.W0136
Locking
Steel
12
M20x1,5
33
67
15
33
10
22
11.5
40.0
125.0
32690.W0137
Locking
Steel
16
M24 x 2
33
78.5
20
38
12
27
13.0
54.0
220
32690.W0223
Locking Stainless
4
M 8x1,0
16
35
4
16
5
10
4.5
12.0
12.0
32690.W0224
Locking Stainless
4
M 8x1,0
16
35
6
16
5
10
4.0
12.5
12.0
32690.W0226
Locking Stainless
5
M10x1,0
19
40
5
18
6
12
5.0
15.0
20.0
32690.W0227
Locking Stainless
5
M10x1,0
19
40
8
18
6
12
5.0
18.0
20.0
32690.W0229
Locking Stainless
6
M12x1,5
23
48
6
22
6
14
6.5
19.0
31.0
32690.W0230
Locking Stainless
6
M12x1,5
23
48
9
22
6
14
6.0
25.0
33.0
32690.W0232
Locking Stainless
8
M16x1,5
28
58
8
26
8
17
8.5
26.0
65.0
32690.W0233
Locking Stainless
8
M16x1,5
28
58
12
26
8
17
8.5
28.0
68.0
32690.W0235
Locking Stainless
10
M16x1,5
28
58
12
26
8
17
9.5
38.0
69.0
32690.W0236
Locking Stainless
12
M20x1,5
33
67
15
33
10
22
11.5
40.0
125.0
32690.W0237
Locking Stainless
16
M24 x 2
33
78.5
20
38
12
27
13.0
54.0
220
32690
0333 207 4497
sales@wixroyd.com
1
Material
Free cutting steel type-
Body: free cutting steel, blackened.
Pin: steel, hardened.
Grip: thermoplastic PA6, black.
Stainless steel type -
Body: stainless steel 1.4305 (AISI 303).
Pin: stainless steel 1.4305 (AISI 303),
nickel plated.
Grip: thermoplastic PA6, black.
Technical Notes
„Locking“ type- enable pin to be held in
retracted/non-projecting position; pull
back grip, turn 90º to engage ‚locking‘ on a
notched catch.
Thread recess on body allows full engage-
ment of thread length. Hexagon collar
improves leverage for secure installation.
Benefits from a more compact design and
hence shorter overall length.
Temperature resistance from -30° to
+80°C.
Distance collars no. 32750 can be used to
adapt screw length.
Lock nuts sold separately See products
65690 & 65692
Tips
Grip non-removable.
Spring loads * = statistical average.


Similar Part No. - 32690

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32690 ETC2-32690 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
logo
Festo Corporation.
32690 FESTO-32690 Datasheet
96Kb / 1P
Dual piston rod cylinder
More results

Similar Description - 32690

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
Compact Guard-locking Interlock Safety Door Switch
logo
Yamaichi Electronics Co...
CF050P2-LT YAMAICHI-CF050P2-LT Datasheet
41Kb / 1P
Compact Flash Card Reader, Locking Mechanism
logo
Adam Technologies, Inc.
LHA-D-XX-TRA-V0 ADAM-TECH-LHA-D-XX-TRA-V0 Datasheet
81Kb / 1P
LOCKING HEADER
LHA-XX-TRA-V0-HT ADAM-TECH-LHA-XX-TRA-V0-HT Datasheet
74Kb / 1P
LOCKING HEADER
LHB-03-SA1-X02 ADAM-TECH-LHB-03-SA1-X02 Datasheet
75Kb / 1P
LOCKING HEADER
LHB-12-RA2-145-720 ADAM-TECH-LHB-12-RA2-145-720 Datasheet
80Kb / 1P
LOCKING HEADER
LHB-13-SA1-G-X09 ADAM-TECH-LHB-13-SA1-G-X09 Datasheet
75Kb / 1P
LOCKING HEADER
logo
DDK Ltd.
PMQ DDK-PMQ Datasheet
684Kb / 3P
Compact Push-On Locking Coaxial Connector
logo
PHOENIX CONTACT
0801810 PHOENIX-0801810 Datasheet
42Kb / 2P
Locking
logo
Amphenol Communications...
65182 AMPHENOLCS-65182 Datasheet
61Kb / 1P
locking latch
Rev J
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com