Electronic Components Datasheet Search
  English  ▼

X  

MMB541 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # MMB541
Description  Micro ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ Processor, Intel® H610, USB 3.2 Gen1x1 , SATA 3.0, Dual GbE, 2.5GbE, VGA, DP and DVI-D
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MMB541 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  MMB541 Datasheet HTML 1Page - Axiomtek Co., Ltd. MMB541 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
ATX/Mirco ATX Motherboards
6
Ordering Information
Standard
MMB541-H610-SP
(P/N: E38W541101)
Micro ATX motherboard with LGA1700 socket 14th/13th/12th gen Intel® Core™ processor, Intel® H610, USB 3.2 Gen1x1, SATA 3.0,
triple LAN including dual GbE and 2.5GbE, VGA, DisplayPort, and DVI-D; single packing
Optional
5938A808010E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=190 mm
5938A808020E
2 x USB 2.0 cable with bracket, P=2.54 mm, L=400 mm
594G5208000E
SATA3 Cable 180D with lock & B.sleeve L50cm
59380402010E
1 x COM port cable with bracket, P=2.54 mm, L=300 mm
59380703000E
2 x COM port cable with bracket, P=2.54 mm, L=300 mm
713000000500
CPU heatsink for 1U chassis
711000002500
CPU cooler for 2U, 4U, and wall mount chassis
*Please refer to the user manual for the complete CPU list.
I/O
SATA
3 x SATA-600 without RAID
Hardware Monitoring
Detect CPU/system temperature, voltage and supports smart fan control
Ethernet
1 x 10/100/1000/2500 Mbps with Intel® I226-V, supporting Wake-on-LAN and PXE Boot ROM
2 x 10/100/1000 Mbps with Intel® I210-AT, supporting Wake-on-LAN and PXE Boot ROM
Audio
HD Codec audio as Mic-in/Line-in/Line-out
USB
4 x USB 3.2 Gen1x1 (Type-A, rear I/O)
4 x USB 2.0 (Type-A, rear I/O)
1 x USB 2.0 (vertical Type-A, internal)
4 x USB 2.0 (header, internal)
Serial
4 x RS-232 (COM1/2/5/6, box header)
1 x RS-232/RS-485/RS-422 (COM3, box header)
1 x RS-232/RS-485 (COM4, box header)
TPM
Not included by default; supports Intel® PTT as default
SMBus
Yes
Digital I/O
8-channel programmable
Mechanical and Environmental
Dimensions
244mm x 244mm
Board Thickness
1.6 mm
Operating Temperature 0°C to +60°C (+32°F to +140°F)
Humidity
10% to 95% relative humidity, non-condensing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com