Electronic Components Datasheet Search
  English  ▼

X  

MMB566 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # MMB566
Description  Micro ATX Motherboard with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ Processor, Intel® Q670E/R680E/H610E, 2 HDMI, 1 DisplayPort, 1 VGA, Two 2.5GbE LAN, and Two 10GbE LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MMB566 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  MMB566 Datasheet HTML 1Page - Axiomtek Co., Ltd. MMB566 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Standard
MMB566-Q670E-S
(PN:E38W566101)
Micro ATX motherboard with LGA1700 socket Intel® Core™ processor, Intel® Q670E, and two 2.5GbE LAN
Packing List
Standard
I/O bracket
Specifications
Core System
CPU
LGA1700 socket 14th/13th/12th gen Intel® Core™ i9/i7/i5/i3, Pentium® or Celeron® processor (up to 65W)
System Memory
4 x DDR4-3200 Long-DIMM, up to 128GB
Chipset
Intel® Q670E/R680E/H610E
BIOS
AMI
SSD
1 x M.2 Key M 2280 with NVMe support
Watchdog Timer
255 levels, 1 to 255 sec.
Expansion Interface
1 x PCIe x16
2 x PCIe x4
1 x PCIe x1
1 x M.2 Key E 2230
Battery Lithium
Lithium 3V/220mAH
Power Input
24+8-pin ATX connector with AT Mode Auto Power support
Dimensions
244 x 244 mm
Board Thickness
1.6 mm
Operating Temperature 0°C to +60°C (+32°F to +140°F)
Humidity
10% to 95% relative humidity, non-condensing
Display
Graphics Core
Intel® UHD Graphics 700 series engine
Memory Size
Shared system memory
Display Interface
1 x DisplayPort++
1 x VGA
2 x HDMI
I/O
SATA
6 x SATA 3.0 with RAID 0/1/5/10
Hardware Monitoring
Detect CPU/system temperature, voltage, and fan speed
Ethernet
2 x 2.5GbE Ethernet with Intel® I226-LM
2 x 10GbE Ethernet with Intel® X550-AT2 (optional)
Audio
HD Codec audio as Mic-in/Line-out with Realtek ALC888S
USB
10 x USB 3.2 Gen1
2 x USB 2.0 with 2x5-pin wafer
Serial
2 x RS-232/422/485
4 x RS-232
TPM
TPM 2.0 with Intel® PTT
Digital I/O
8-channel in/out programmable
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Mar. 05, 2025.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com