Electronic Components Datasheet Search
  English  ▼

X  

PICO52R Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # PICO52R
Description  Pico-ITX SBC with 8th Gen Intel® Core™ i7/i5/i3 & Celeron® Processor, DisplayPort, HDMI, LVDS, and 2 GbE LAN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

PICO52R Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  PICO52R Datasheet HTML 1Page - Axiomtek Co., Ltd. PICO52R Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
Pico-ITX SBCs
3
APC201, Industrial Chassis
SBC Option
PICO52RHPGG-i3-8145UE w/fan
I/O
1 x GbE LAN
2 x USB 3.2 Gen2
1 x DisplayPort++
1 x HDMI
1 x 12V DC Jack
Dimensions
(with wall mount ear)
152.5 mm (6”) (W) x 107.5 mm (4.23”) (D) x 50mm (1.97”) (H)
Operating Temperature -10°C to +50°C (+14°F to +122°F)
APC201-i3-8145UE
(P/N:E27P201100)
APC201 w/i3-8145UE, 8GB RAM, 64GB eMMC and 12V/60W adapter
Ordering Information
Standard
PICO52RHPGG-i7-
8665UE
(P/N: E38H52R100)
Pico-ITX SBC with Intel® Core™ i7-8665UE, DisplayPort++, HDMI, LVDS, and 2 GbE LAN
PICO52RHPGG-i5-
8365UE
(P/N: E38H52R101)
Pico-ITX SBC with Intel® Core™ i5-8365UE, DisplayPort++, HDMI, LVDS, and 2 GbE LAN
PICO52RHPGG-i3-
8145UE
(P/N: E38H52R102)
Pico-ITX SBC with Intel® Core™ i3-8145UE , DisplayPort++, HDMI, LVDS, and 2 GbE LAN
PICO52RHPGG-Celeron-
4305UE
(P/N: E38H52R103)
Pico-ITX SBC with Intel® Celeron® 4305UE, DisplayPort++, HDMI, LVDS, and 2 GbE LAN
Optional
PICO52RHPGG-i7-
8665UE W/FAN
(P/N: E38H52R107)
Pico-ITX SBC with Intel® Core™ i7-8665UE, DisplayPort++, HDMI, LVDS, 2 GbE LAN, and fan
PICO52RHPGG-i5-
8365UE W/FAN
(P/N: E38H52R108)
Pico-ITX SBC with Intel® Core™ i5-8365UE, DisplayPort++, HDMI, LVDS, 2 GbE LAN, and fan
PICO52RHPGG-i3-
8145UE W/FAN
(P/N: E38H52R109)
Pico-ITX SBC with Intel® Core™ i3-8145UE, DisplayPort++, HDMI, LVDS, 2 GbE LAN, and fan
PICO52RHPGG-CELERON-
4305UE W/FAN
(P/N: E38H52R110)
Pico-ITX SBC with Intel® Celeron® 4305UE, DisplayPort++, HDMI, LVDS, 2 GbE LAN, and fan
7128H51R000E
Heatspreader
590000086600
DC power cable for adapter, L=180 mm
50966124050E
Adapter 12V 60W FSP060-DHAN3 with screw
59380880250E
COM port cable DB9--9x1P, P=125 mm, L=250 mm
594H51R2810E
USB cable 2 x 5P-cut P9 P2.0/2 x USB-4P, L=180 mm
594H3186800E
Buzzer cable 9 x 5.5 mm 2-pin, L=40mm
Packing List
Accessories
8593A241000E
AX93A24, RJ-45 I/O board
594H52R2700E
LAN cable, P=2.0, L=200 mm
591000014500
Power cable, L=100mm
59406308010E
SATA cable, L=150mm
59429070600E
SATA power cable 2P, P=2.0, L=200 mm
Mechanical and Environmental
Dimensions
100 x 72 mm
Board Thickness
1.6 mm
Operating Temperature -20°C to +60°C (-4°F to 140°F)
Humidity
10% to 95% relative humidity, non-condensing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com