Electronic Components Datasheet Search
  English  ▼

X  

0830501 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0830501
Description  PML-W300 (105X52)R CUS - Warning label
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830501 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0830501 Datasheet HTML 1Page - PHOENIX CONTACT 0830501 Datasheet HTML 2Page - PHOENIX CONTACT 0830501 Datasheet HTML 3Page - PHOENIX CONTACT 0830501 Datasheet HTML 4Page - PHOENIX CONTACT 0830501 Datasheet HTML 5Page - PHOENIX CONTACT 0830501 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical data
Product properties
Product type
Warning label printed
Area of application
Warning identification according to ISO 7010
Type
Rectangle
Marking
Number of individual labels per row
1
Printing
Blank
Dimensions
Width
105 mm
Height
52 mm
Length
52 mm
Diameter
0.00 mm
Text field
Text field width
105 mm
Text field height
52 mm
Material specifications
Color
yellow/black
Material
PVC
Components
Silicone-free
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Test for substances that would hinder coating with paint or varnish
Result
Test passed
Scratch test for the determining scratch resistance
Specification
DIN EN ISO 1518-1:2019-10 (following)
Requirements
≥ 5 N
Result
Test passed
Tesafilm test
Specification
DIN EN ISO 2409:2013 (following)
Result
Test passed
UV resistance
Specification
DIN EN ISO 4892-2:2021-11 (following)
Result
Test passed
Test duration
96 h
PML-W300 (105X52)R CUS - Warning label
0830501
https://www.phoenixcontact.com/us/products/0830501
May 14, 2025, 5:40AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com