Electronic Components Datasheet Search
  English  ▼

X  

TC7MA157FK Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC7MA157FK
Description  Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA157FK Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC7MA157FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 10Page - Toshiba Semiconductor TC7MA157FK Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TC7MA157FK
2007-10-19
9
AC Test Circuit
AC Waveform
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
1.5
± 0.1 V
1.2 V
VIH
2.7 V
VCC
VCC
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VCC/2
VCC/2
Output
Measure
Figure 1
Figure 2 tpLH, tpHL
90%
10%
Non-Inverting
Output
Inverting
Output
VOL
VOH
VOH
VM
tpLH
tpHL
tr 2.0 ns
tf 2.0 ns
VM
Input
GND
VIH
VM
tpLH
tpHL
VOL
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
1.5
± 0.1 V
1.2V
RL
500 Ω
2 kΩ
CL
30 pF
15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com