Electronic Components Datasheet Search
  English  ▼

X  

802 Datasheet(PDF) 1 Page - Littelfuse

Part # 802
Description  Panel Mount Enclosed Fuse Holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

802 Datasheet(HTML) 1 Page - Littelfuse

  802 Datasheet HTML 1Page - Littelfuse 802 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cartridge Fuse Holders Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 10/05/23
1
800/801/802/803 Series
Panel Mount Enclosed Fuse Holders
RoHS Pb
Product Characteristics
Series
800
800 01
800-25
801/802
803 01
Compatible
Fuses
5×20mm
6.3×32mm
6.3×32mm
5×20mm
6.3×32mm
6.3×32mm
Materials
Holder/Cap: Black Thermoplastic, UL94 V-0
-
Clamp spring:
non-corrosion
metal, untreated
Metal Parts: Copper alloy, corrosion protected
Terminals: Solderable, tinned
Electrical
Data (23ºC)
Rated
Voltage: 250V
Rated
Voltage: 500V
Rated
Voltage: 250V
Rated
Voltage: 500V
Rated Current:
6.3A (800+815-VDE)
10A (800+816-VDE)
16A (UL/CSA)
Rated Current:
10A (800+816 -
VDE) 16A (UL)
10A (800-25
+816-TUV) 16A (UL)
Rated Current:
16A (UL/CSA)
Rated Current:
10A (VDE)
16A (UL/CSA)
Rated Power: 2.5W (VDE)
Rated Power:
4W (VDE)
Mounting
12.7mm diameter D-hole or double D-hole Admissible
torque on plastic hex nut is 1.2Nm
Pluggable with
clamping spring
in 12.7mm
diam v eter
D-hole (panel of
0.75mm - 3 mm)
Terminals
Solderable or 4.8mm quick connect-fits 0.5mm tab / 6.3 mm for 800-25
Electronic
Shock
Protection
PC2 (IEC 60127-6)
Ingress
Protection
IP 40 (IEC 60529)
Operating
Temperature
-25ºC to +70ºC
Climatic Test -25ºC/+70ºC/21 days (IEC 60068-2-1...3)
Stock
Conditions
+10ºC to +60ºC relative humidity ≤ 75% yearly average, without dew,
maximum value for 30 days - 95%
Vibration
Resistance
24 cycles at 15 min. each (IEC 60068-2-6) 10 - 60Hz at
0.75mm amplitude 60 - 2000Hz at 10g acceleration
NA
Contact
Resistance
≤ 5mΩ
Dielectric
Strength
> 1.5 kV
Impulse
Voltage
4 kV, 50 Hz, 1 min., dry
Insulation
Resistance
> 103 MΩ (500 VDC, 1 min.)
Solderability
235ºC, 3 sec. (Wave)
350ºC, 1 sec. (Soldering Iron)
235ºC, 2 sec.
(Wave)
350ºC, 1 sec.
(Soldering Iron)
235ºC, 2 sec.
(Wave)
350 ºC, 3 sec.
(Soldering Iron)
Solder Heat
Resistance
260ºC, 5 sec. (IEC 60068-2-20)
Min. Cross
Section
Conductor - 2.5mm2
Marking
800, 250V,
Approvals
800 01, 500V,
Approvals
800 25, 500V,
Approvals
Series, 250V,
Approvals
803, 500V,
Approvals
Unit Weight
4.7g (Holder)
2.5g (Cap)
5.0g (801/802)
2.5g (815/816)
4.9g (803)
2.0g (816)
Agency
Part Number
800
800 01
800-25
801
802
803 01
Agency File Number
122016* 123336**
N/A
N/A
N/A
6914**
E70164*
47574* 47574**
N/A
47574*
47574**
N/A
N/A
J 50594683
N/A
N/A
N/A
Holders
80000000005
80000000105
80000002505
80100000005
80200000005
80300000105
Caps
For 5×20mm fuse: 81500000005
For 6.3×32mm fuse 81600000005
Packaging
Bulk 100 Pcs all items listed above
* - Certification includes both 815 and 816 caps
** - Certification includes 816 cap only
Agency Approvals
Note: Refer to Fuseology for information on proper fuseholder re-rating
Ordering Information
Resources
800 Series
Accessories
800 Series
Samples
800 Series
Additional Information
Resources
801 Series
Accessories
801 Series
Samples
801 Series
Resources
802 Series
Accessories
802 Series
Samples
802 Series
Resources
803 Series
Accessories
803 Series
Samples
803 Series
815 Cap
For 5×20mm Fuses
800 / 800 01 Series Holder
800 25 Series Holder
816 Cap
For 6.3×32mm Fuses
801 / 802 Series Holder
803 01 Series Holder


Similar Part No. - 802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
802 MICROSEMI-802 Datasheet
121Kb / 3P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 20-35 AMP, STANDARD HIGH EFFICIENCY, ESP SERIES
logo
Littelfuse
802 LITTELFUSE-802 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
logo
Unisonic Technologies
802 UTC-802 Datasheet
30Kb / 2P
3/4 STRINGS Xmas LIGHT CONTROL
logo
Mill-Max Mfg. Corp.
802 MILL-MAX-802 Datasheet
300Kb / 1P
INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
logo
List of Unclassifed Man...
802 ETC2-802 Datasheet
211Kb / 1P
Wiha Quality Tools Dead Blow and Sledge Hammers
More results

Similar Description - 802

ManufacturerPart #DatasheetDescription
logo
Littelfuse
345 LITTELFUSE-345 Datasheet
779Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
345-HV LITTELFUSE-345-HV Datasheet
899Kb / 3P
345 HV Series Panel Mount Enclosed Fuse Holders
logo
Eaton All Rights Reserv...
HKP EATON-HKP Datasheet
184Kb / 2P
Panel-mount fuse holders
logo
Littelfuse
03450601H LITTELFUSE-03450601H_V01 Datasheet
719Kb / 3P
345 HV Series Panel Mount Enclosed Fuse Holders/345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Revised: 12/10/19
03453LS7HXLNP LITTELFUSE-03453LS7HXLNP_V01 Datasheet
658Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
05710027L LITTELFUSE-05710027L_V01 Datasheet
286Kb / 1P
571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
Rev: 032122
58300000005 LITTELFUSE-58300000005 Datasheet
615Kb / 1P
596/583 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 06/04/15
652 LITTELFUSE-652_V01 Datasheet
514Kb / 1P
652 Series Circuit Board Mount Enclosed Fuse Holders for 5횞20mm Fuses
Revised: 12/19/13
80000000005 LITTELFUSE-80000000005 Datasheet
929Kb / 2P
800/801/802/803 Series Panel Mount Enclosed Fuse Holders
Revised: 12/16/19
83000000005 LITTELFUSE-83000000005 Datasheet
868Kb / 2P
830/831/834 Series Circuit Board Mount Enclosed Fuse Holders
Revised: 02/13/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com