Electronic Components Datasheet Search
  English  ▼

X  

CSB251 Datasheet(PDF) 2 Page - VITROHM

Part # CSB251
Description  Shunt Open Frame Surface Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

CSB251 Datasheet(HTML) 2 Page - VITROHM

  CSB251 Datasheet HTML 1Page - VITROHM CSB251 Datasheet HTML 2Page - VITROHM CSB251 Datasheet HTML 3Page - VITROHM CSB251 Datasheet HTML 4Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CSBSeriesDatasheet
1
2
Type
CSB251
CSB392
CSB593
Derating Linear
[ºC]
70…170 (0W)
Short Time Overload
(U=5 *
, 5[s]
±[%]
1,0
Resistance to Soldering Heat
IEC60115-1 clause 4.18
(260±5[°C], 3,5±1[s])
±[%]
N.A.
Low Temperature Storage
-65[ºC] 24[H]
±[%]
0,2
High Temperature Exposure
Mil-STD-202 Method 108
+170[ºC] 1000[H]
±[%]
1
Rapid change of temperature
IEC60115-1 clause 4.19 and IEC60068-2-14
(30 [min] -55 [ºC] and 30 [min] +150 [ºC])
±[%]
0,5
Biased Humidity
MIL-STD-202 Method 103
(85[ºC], 85[%RH] 1.000[h])
±[%]
0,5
Vibrations
Mil-STD-202 Method 204
(10 to 2000 [Hz], 5 [G] for 20 [min], 12 cycles, each of 3 orientation
±[%]
0,2
Mechanical Shock
Mil-STD-202 Method 213
(100 [G],6[ms], Half sine)
±[%]
0,2
Solderability
IEC60068-2-20 and J-STD-002
Solder bath method (> 95% coverage)
Stability deviation
* Tt = Terminal Temperature
±[%]
< 0.5 after 2000 Hours * Tt= 110ºC
< 1.0 after 2000 Hours
* Tt = 140ºC
Type
Value
[mΩ]
Resistance
values
Thickness
t [mm]
TCR
[ppm]
P70
[W]
P100
[W]
Material
Resistive alloy
TCR [ppm]
CSB251
[AA = Standard]
0.0
R0
0.42
---
---
---
Tin Plated Copper
----
0.3
L3
0,95
< 100
4.3
3.0
Copper Manganese MC2Alloy
<±10
0.5
L5
0,85
< 75
4.3
3.0
Copper Manganese 43 Alloy
1.0
R001
0,42
< 50
4.3
3.0
1.3
1L3
0,33
4.3
3.0
2.0
R002
0,67
4.3
3.0
Aluchrom Alloy
<-25
3.0
R003
0,45
2.9
2.0
4.0
R004
0,33
2.9
2.0
5.0
R005
0,33
2.1
1.5
6.8
6L8
0,33
2.1
1.5
10
R01
0,33
1.4
1.0
Type
Value
[mΩ]
Resistance
values
Thickness
t [mm]
TCR
[ppm]
P70
[W]
P100
[W]
Material
Resistive alloy
TCR [ppm]
CSB392
[AA = Standard]
0.2
L2
1,42
< 150
12
5
Copper Manganese MC2Alloy
<±10
0.3
L3
1,42
< 100
10
5
Copper Manganese 43 Alloy
0.5
L5
0,84
< 70
9
5
0.7
L7
0,60
< 60
8
5
1.0
R001
0,42
< 50
7
4
1.5
1L5
0,91
7
4.5
Aluchrom Alloy
<-25
2.0
R002
0,68
6
4
2.5
2L5
0,54
5
3.5
3.0
R003
0,45
5
3
4.0
R004
0,34
4
2,5
5.0
R005
0,27
3
2
Type
Value
[mΩ]
Resistance
values
Thickness
TCR [ppm]
P70
[W]
P100
[W]
B
[mm]
Material
Resistive alloy
TCR [ppm]
t1
t2
CSB593
[AA = Standard]
0.1
L1
1,42 1,42
< 100
15
10
3,7
Copper Manganese MC2Alloy
<±10
0.2
L2
1,40 1,40
15
10
5,0
Copper Manganese 43 Alloy
0.3
L3
0,93 0,93
10
7
5,0
0.4
L4
0,72 0,72
9
6,5
5,0
0.5
L5
0,56 0,56
< 75
8
6
5,0
0.6
L6
0,47 0,47
8
6
5,0
Copper Manganese 43 Alloy
<±10
1.0
R001
0,91 0,91
< 50
9
6
5,0
Aluchrom Alloy
<-25
2.0
R002
0,46 0,70
7
4
5,0
CSB593
[S0 = Special]
0.5
L5
1,62 1,42
< 75
10
7
4,4
Aluchrom Alloy
<-25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com