Electronic Components Datasheet Search
  English  ▼

X  

CSB593 Datasheet(PDF) 3 Page - VITROHM

Part # CSB593
Description  Shunt Open Frame Surface Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

CSB593 Datasheet(HTML) 3 Page - VITROHM

  CSB593 Datasheet HTML 1Page - VITROHM CSB593 Datasheet HTML 2Page - VITROHM CSB593 Datasheet HTML 3Page - VITROHM CSB593 Datasheet HTML 4Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CSBSeriesDatasheet
1
3
The resistors marking will follow below concept:
4 digits where ”R” designates the decimal location in ohms, e.g. 1mΩ the product marking is R001.
4 digits where ”m” designates the decimal location in milli-ohms, e.g. 0.2mΩ the product marking is 0m2, 0.5mΩ the product marking is 0m50.
0.2m
Ω , 0.3mΩ , 0.5mΩ
1
~ 4mΩ
The "m" is used as a decimal point ; the other 3 digits are
significant and the unit is milliohm 0.2mΩ to 0.5mΩ
The "R" is used as a decimal point ; the other 3 digits are significant
1mΩ to 4mΩ
Power Derating Curve
Resistance Change vs Temperature
Typical Resistance Drift (Copper Manganese 43 Alloy)
Resistance Change vs Temperature
Typical Resistance Drift (Copper Manganese MC-2
Resistance Change vs Temperature
Typical Resistance Drift (A1 Alloy)
Pulse Power Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com