Electronic Components Datasheet Search
  English  ▼

X  

CSD842 Datasheet(PDF) 2 Page - VITROHM

Part # CSD842
Description  Power shunt resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITROHM [VITROHM]
Direct Link  http://www.vitrohm.com/
Logo VITROHM - VITROHM

CSD842 Datasheet(HTML) 2 Page - VITROHM

  CSD842 Datasheet HTML 1Page - VITROHM CSD842 Datasheet HTML 2Page - VITROHM CSD842 Datasheet HTML 3Page - VITROHM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CSD Series Datasheet
1
2
Type
CSD842
CSD851
CSD853
Endurance
IEC60115-1 clause 4.25
(P70 @ 70[ºC], 1000[h])
±[%]
1,0
Short Time Overload
(U=5 *
, 5[s]
±[%]
1,0
Resistance to Soldering Heat
IEC60115-1 clause 4.18 and Mil-STD-202 Method 210
(260[°C], 10[s])
±[%]
0,5
Low Temperature Storage
-65[ºC] 24[H]
±[%]
0,2
High Temperature Exposure
Mil-STD-202 Method 108
+170[ºC] 1000[H]
±[%]
1,0
Rapid change of temperature
IEC60115-1 clause 4.19 and IEC60068-2-14
(30 [min] -55 [ºC] and 30 [min] +150 [ºC])
±[%]
0,5
Biased Humidity
MIL-STD-202 Method 103
(85[ºC], 85[%RH] 1.000[h])
±[%]
0,5
Vibrations
Mil-STD-202 Method 204
(10 to 2000 [Hz], 5 [G] for 20 [min], 12 cycles, each of 3 orientation
±[%]
0,2
Mechanical Shock
Mil-STD-202 Method 213
(100 [G] for 6[ms] , Half sine)
±[%]
0,2
Solderability
IEC60068-2-20 and J-STD-002
Solder bath method (> 95% coverage)
Marking
IEC60062
Value imprinted
Stability Deviation
*
Tt = Terminal Temperature
±[%]
< 0.5 after 2000 Hours, * Tt = 110ºC
< 1.0 after 2000 Hours, * Tt = 140ºC
Power Derating Curve
Resistance Change vs Temperature
[Copper Manganese 43 Alloy]
Resistance Change vs Temperature
[Aluchrom A1 Alloy]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com