Electronic Components Datasheet Search
  English  ▼

X  

TC7MP97FK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC7MP97FK
Description  Low Voltage Triple Configurable Multiple Function Gate with 3.6 V Tolerant Inputs and Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MP97FK Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC7MP97FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 9Page - Toshiba Semiconductor TC7MP97FK Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC7MP97,98FT/FK
2007-10-19
6
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
-0.5 to 4.6
V
DC input voltage
VIN
-0.5 to 4.6
V
-0.5 to 4.6 (Note 2)
DC output voltage
VOUT
-0.5 to VCC + 0.5 (Note 3)
V
Input diode current
IIK
-20
mA
Output diode current
IOK
±20
(Note 4)
mA
DC output current
IOUT
±25
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±25
mA
Storage temperature
Tstg
-65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: VCC = 0 V
Note 3: High or Low state. IOUT absolute ratiingmust be observed.
Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
1.2~3.6
V
Input voltage
VIN
−0.3~3.6
V
0~3.6
(Note 2)
Output voltage
VOUT
0~VCC (Note 3)
V
±8.0
(Note 4)
±4.0
(Note 5)
Output current
IOH/IOL
±1.5
(Note 6)
mA
Operating temperature
Topr
−40~85
°C
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: VCC = 0 V
Note 3: High or low state
Note 4: VCC = 3.0~3.6 V
Note 5: VCC = 2.3~2.7 V
Note 6: VCC = 1.65~1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com