Electronic Components Datasheet Search
  English  ▼

X  

2SC1623-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # 2SC1623-HF
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC1623-HF Datasheet(HTML) 2 Page - Comchip Technology

  2SC1623-HF Datasheet HTML 1Page - Comchip Technology 2SC1623-HF Datasheet HTML 2Page - Comchip Technology 2SC1623-HF Datasheet HTML 3Page - Comchip Technology 2SC1623-HF Datasheet HTML 4Page - Comchip Technology 2SC1623-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Max
Unit
Min
Classification of hFE
Range
Rank
Company reserves the right to improve product design , functions and reliability without notice.
Comchip Technology CO., LTD.
REV:A
Page 2
QW-JTR137
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector-base cut-off current
Emitter-base cut-off current
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Base-emitter voltage
Teransition frequency
Collector-base output capacitance
Typ
2SC1623-L5-HF
2SC1623-L6-HF
2SC1623-L7-HF
135-270
200-400
300-600
VCBO
VCEO
VEBO
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
VBE
Ft
Cob
V
V
V
µA
µA
MHz
pF
V
V
V
60
50
5
0.1
0.1
600
200
135
0.3
1
0.65
0.55
250
3
IC = 100µA, IE = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCB = 60V, IE = 0
VEB = 5V, IC = 0
VCE = 6V, IC = 1mA
IC = 100mA, IB = 10mA
IC = 100mA, IB = 10mA
VCE = 6V, IC = 1mA
VCE = 6V, IC = 10mA
VCB = 6V, IE = 0, f = 1MHz
General Purpose Transistors



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com